Electronic Components Datasheet Search
  English  ▼

X  

CAT9555WI Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT9555WI
Description  16-bit I2C and SMBus I/O Port with Interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555WI Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT9555WI Datasheet HTML 3Page - ON Semiconductor CAT9555WI Datasheet HTML 4Page - ON Semiconductor CAT9555WI Datasheet HTML 5Page - ON Semiconductor CAT9555WI Datasheet HTML 6Page - ON Semiconductor CAT9555WI Datasheet HTML 7Page - ON Semiconductor CAT9555WI Datasheet HTML 8Page - ON Semiconductor CAT9555WI Datasheet HTML 9Page - ON Semiconductor CAT9555WI Datasheet HTML 10Page - ON Semiconductor CAT9555WI Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT9555
http://onsemi.com
7
INT: Interrupt Output
The open−drain interrupt output is activated when one of
the port pins configured as an input changes state (differs
from the corresponding input port register bit state). The
interrupt is deactivated when the input returns to its previous
state or the input port register is read.
Since there are two 8−bit ports that are read independently,
the interrupt caused by Port 0 will not be cleared by a read
of Port 1, or vice versa.
Changing an I/O from an output to an input may cause a
false interrupt if the state of the pin does not match the
contents of the input port register.
Output Port
Register Data
Input Port
Register Data
Polarity
Register Data
Polarity
Inversion Register
Write
Polarity
Register
Data from
Shift Register
Read Pulse
Write Pulse
Write
Configuration
Data from
Shift Register
Data from
Shift Register
Configuration
Register
D
Q
FF
D
Q
FF
D
Q
LATCH
D
Q
FF
Q1
Q2
Output Port
Register
Input Port
Register
Figure 6. Simplified Schematic of I/Os
Pulse
Q
CK
Q
CK
CK
Q
Q
CK
To INT
VSS
VCC
I/O Pin
100 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com