Electronic Components Datasheet Search
  English  ▼

X  

C1815L Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # C1815L
Description  Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

C1815L Datasheet(HTML) 1 Page - Toshiba Semiconductor

  C1815L Datasheet HTML 1Page - Toshiba Semiconductor C1815L Datasheet HTML 2Page - Toshiba Semiconductor C1815L Datasheet HTML 3Page - Toshiba Semiconductor C1815L Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC1815(L)
2003-03-27
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT process)
2SC1815(L)
Audio Frequency Voltage Amplifier Applications
Low Noise Amplifier Applications
· High breakdown voltage, high current capability
: VCEO = 50 V (min), IC = 150 mA (max)
· Excellent linearity of hFE
: hFE (2) = 100 (typ.) at VCE = 6 V, IC = 150 mA
: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
· Low noise: NF = 0.2dB (typ.) (f = 1 kHz).
· Complementary to 2SA1015 (L). (O, Y, GR class).
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
50
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 60 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
hFE (1)
(Note)
VCE = 6 V, IC = 2 mA
70
¾
700
DC current gain
hFE (2)
VCE = 6 V, IC = 150 mA
25
100
¾
Collector-emitter
VCE (sat)
IC = 100 mA, IB = 10 mA
¾
0.1
0.25
Saturation voltage
Base-emitter
VBE (sat)
IC = 100 mA, IB = 10 mA
¾
¾
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 1 mA
80
¾
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
2.0
3.5
pF
Base intrinsic resistance
rbb’
VCE = 10 V, IE = -1 mA, f = 30 MHz
¾
50
¾
W
NF (1)
VCE = 6 V, IC = 0.1 mA
RG = 10 kW, f = 100 Hz
¾
0.5
6
Noise figure
NF (2)
VCE = 6 V, IC = 0.1 mA
RG = 10 kW, f = 1 kHz
¾
0.2
3
dB
Note: hFE (1) classification O: 70~140, Y: 120~240, GR: 200~400, BL: 350~700
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - C1815L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
C1815LT1 JIANGSU-C1815LT1 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
logo
Weitron Technology
C1815LT1 WEITRON-C1815LT1 Datasheet
236Kb / 3P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
C1815LT1-SOT-23 JIANGSU-C1815LT1-SOT-23 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
More results

Similar Description - C1815L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312_07 Datasheet
622Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312-BL TOSHIBA-2SA1312-BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SC3324-BL TOSHIBA-2SC3324-BL Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK2145-GR TOSHIBA-2SK2145-GR Datasheet
308Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312BL TOSHIBA-2SA1312BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK209-BL TOSHIBA-2SK209-BL Datasheet
287Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SK209-Y TOSHIBA-2SK209-Y Datasheet
287Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SK880-GR TOSHIBA-2SK880-GR Datasheet
300Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SC3324-GR TOSHIBA-2SC3324-GR Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com