Electronic Components Datasheet Search
  English  ▼

X  

9155-300 Datasheet(PDF) 1 Page - AVX Corporation

Part # 9155-300
Description  Right Angle 3.0mm Pitch Battery
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-300 Datasheet(HTML) 1 Page - AVX Corporation

  9155-300 Datasheet HTML 1Page - AVX Corporation 9155-300 Datasheet HTML 2Page - AVX Corporation 9155-300 Datasheet HTML 3Page - AVX Corporation 9155-300 Datasheet HTML 4Page - AVX Corporation 9155-300 Datasheet HTML 5Page - AVX Corporation 9155-300 Datasheet HTML 6Page - AVX Corporation 9155-300 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CONNECT
INTER
Right Angle 3.0mm Pitch Battery
9155-300
ELECTRICAL
• Current Rating: 3 Amp / Contact
• Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46;
UL94 HB
• Contact Material: Beryllium Copper
• Plating: Gold over Nickel
• Durability: 5000 Cycles
FEATURES AND BENEFITS
• Simple designed spring contact
• End to end stackable for larger pin counts
• Additional contact anchor brackets to added stability on the PCB
• Robust to shock and vibration
• Selectively plated contact area
APPLICATIONS
• Mobile phones
• Digital music players
• Hand held terminals
• Data terminals or any other
small portable device
A further addition to the battery connector range offered by
AVX is a 90 degree version. On a 3mm pitch, offered in 2 to
6 contact positions and rated as with all of the battery range
at 3 amps. The connector’s design is small and compact to
minimize its profile yet stable while having a contact point
4.61mm above the PCB.
The stability comes from the addition of extra SMT anchor
brackets that are in between the SMT contact pads and
both at the front of the connector and within the row of the
contact SMT pads.
As with the other 9155 series of battery connectors offered
by AVX the 90 degree version is rated at 3 amps and 5000
mating cycles, RoHS compliant and using high temperature
plastic enables the connectors to be processed at up to
260ºC.
HOW TO ORDER
00
Prefix
9155
Series
00X
No. of Ways
2 = 002
3 = 003
4 = 004
5 = 005
6 = 006
301
Right Angle
Battery Connector
Code
Description
301
Right Angle 3.00mm
Battery Connector
00X
Plating Option
Code
Description
006
0.4μm Selective Gold, Standard
008
0.8μm Selective Gold, Special Order


Similar Part No. - 9155-300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
logo
AVX Corporation
9155-700 AVX-9155-700 Datasheet
2Mb / 13P
Right Angle 2.0mm Pitch Connector
More results

Similar Description - 9155-300

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
060135MA SUYIN-USA-060135MA Datasheet
97Kb / 1P
3.0mm PITCH PROBE PIN CONNECTOR PIN BATTERY (H:8mm)
250119MA SUYIN-USA-250119MA Datasheet
94Kb / 1P
3.0mm PITCH BATTERY CONNECTOR
300119MA003XX00XX SUYIN-USA-300119MA003XX00XX Datasheet
116Kb / 1P
3.0mm Pitch Battery
logo
LUMEX INC.
SML-LXR851DRC-TR LUMEX-SML-LXR851DRC-TR Datasheet
168Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851IC-TR LUMEX-SML-LXR851IC-TR Datasheet
168Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851SGC-TR LUMEX-SML-LXR851SGC-TR Datasheet
168Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851SISGC-TR LUMEX-SML-LXR851SISGC-TR Datasheet
181Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851SRC-TR LUMEX-SML-LXR851SRC-TR Datasheet
174Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851SRSYC-TR LUMEX-SML-LXR851SRSYC-TR Datasheet
173Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851SYSUGCTR LUMEX-SML-LXR851SYSUGCTR Datasheet
174Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com