Electronic Components Datasheet Search
  English  ▼

X  

9155-700 Datasheet(PDF) 3 Page - AVX Corporation

Part # 9155-700
Description  Right Angle 2.0mm Pitch Connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-700 Datasheet(HTML) 3 Page - AVX Corporation

  9155-700 Datasheet HTML 1Page - AVX Corporation 9155-700 Datasheet HTML 2Page - AVX Corporation 9155-700 Datasheet HTML 3Page - AVX Corporation 9155-700 Datasheet HTML 4Page - AVX Corporation 9155-700 Datasheet HTML 5Page - AVX Corporation 9155-700 Datasheet HTML 6Page - AVX Corporation 9155-700 Datasheet HTML 7Page - AVX Corporation 9155-700 Datasheet HTML 8Page - AVX Corporation 9155-700 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Right Angle 2.0mm Pitch Connector
9155-700
2 WAY BATTERY CONNECTOR – RIGHT ANGLE
2MM PITCH – WITH BOSS
NOTES:
1.
GENERAL TOLERANCE ±0.20 UNLESS OTHER-
WISE STATED.
2.
FOR FULL PRODUCT SPECIFICATION REFER TO
AVX SPEC 201-01-203.
3.
FOR MATING PAD DETAILS REFER TO PAGE 13.
4.
PACKING DETAILS ON PAGE 12.
5.
INSULATOR MATERIAL: GLASS FILLED NYLON 46,
UL94 V-0, COLOR BLACK.
6.
CONTACT MATERIAL: BERYLLIUM COPPER.
7.
CONTACT PLATING; SELECTIVE GOLD OVER
NICKEL, PURE TIN ON TAILS.
8.
BRACKET MATERIAL; PHOSPHOR BRONZE.
9.
BRACKET PLATING; PURE TIN OVER NICKEL.
10. NOMINAL CONTACT FORCE 90 GRAMS AT 1.50
DEFLECTION.
11. COPLANARITY OF ALL CONTACT TAILS AND
PADS 0.10MM MAXIMUM.
SUGGESTED PCB LAYOUT
DEFLECTED CONNECTOR
UNDEFLECTED CONTACT
CONNECT
INTER
3
011717
CONNECT
INTERCONNECT
INTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com