Electronic Components Datasheet Search
  English  ▼

X  

2SC4738FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC4738FT
Description  Audio Frequency General Purpose Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4738FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC4738FT Datasheet HTML 1Page - Toshiba Semiconductor 2SC4738FT Datasheet HTML 2Page - Toshiba Semiconductor 2SC4738FT Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4738FT
2002-01-16
2
Collector-emitter voltage VCE (V)
IC – VCE
Ambient temperature Ta (
°C)
PC – Ta
Base-emitter voltage VBE (V)
IB – VBE
Collector current IC (mA)
fT – IC
120
0
140
100
80
40
120
60
20
80
0
20
40
60
100
Collector current IC (mA)
VBE (sat) – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
hFE – IC
Common emitter
IC/IB = 10
Ta
= 25°C
0.1
5
1
100
30
0.3
3
0.3
3
10
0.1
1
0.5
300
0.1
1
100
30
0.3
3
10
300
Common emitter
IC/IB = 10
0.01
Ta
= 100°C
25
-25
0.5
0.3
0.03
0.1
0.05
100
3
0
1.4
1.0
0.8
0.4
0.3
1.2
0.5
1
5
30
50
10
Common emitter
VCE = 6 V
Ta
= 100°C 25
-25
0.6
0.2
300
500
2000
1000
1000
300
3000
500
Common emitter
VCE = 10 V
Ta
= 25°C
10
100
30
50
0.1
1
100
30
0.3
3
10
300
0
7
2
1
0
80
240
Common emitter
Ta
= 25°C
160
IB = 0.2 mA
5.0
6
6.0
3.0
2.0
4
3
200
120
40
5
1.0
0.5
0
0.1
500
1
100
30
0.3
300
Common emitter
VCE = 6 V
VCE = 1 V
30
3
10
10
Ta
= 100°C
100
50
300
25
-25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com