Electronic Components Datasheet Search
  English  ▼

X  

MP03587 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03587
Description  SAW Filter 719.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03587 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03587 Datasheet HTML 1Page - Golledge Electronics Ltd MP03587 Datasheet HTML 2Page - Golledge Electronics Ltd MP03587 Datasheet HTML 3Page - Golledge Electronics Ltd MP03587 Datasheet HTML 4Page - Golledge Electronics Ltd MP03587 Datasheet HTML 5Page - Golledge Electronics Ltd MP03587 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 719.0MHz
Model: TA1037A
Part No: MP03587
Rev No: 2
TA1037A v2
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center Frequency Fc
MHz
-
719
-
Min. Insertion loss (716.5 ~ 721.5MHz) IL
dB
-
3
3.2
Amplitude Ripple (716.5 ~ 721.5MHz)
dB
-
0.9
2.2
Return Loss (716.5 ~ 721.5MHz)
dB
5
8
-
Group Delay Ripple (716.5 ~ 721.5MHz)
ns
-
38
95
Attenuation (Reference level from 0dB)
D.C ~ 690MHz
dB
40
49
-
690 ~ 704MHz
dB
35
44
-
704 ~ 710MHz
dB
30
44
-
728 ~ 734MHz
dB
25
30
-
734 ~ 750MHz
dB
27
40
-
750 ~ 824MHz
dB
37
50
-
824 ~ 960MHz
dB
45
51
-
960 ~ 2500MHz
dB
32
35
-
Temperature coefficient of frequency TCf
ppm/°C
-
-36
-


Similar Part No. - MP03587

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MP0350-000 LSTD-MP0350-000 Datasheet
74Kb / 1P
cosmetic specification refer to wl-qa-038
MP0350-000 LSTD-MP0350-000 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
Golledge Electronics Lt...
MP03507 GOLLEDGE-MP03507 Datasheet
137Kb / 5P
SAW Filter 441.0MHz
MP03515 GOLLEDGE-MP03515 Datasheet
118Kb / 6P
SAW Filter 256.0MHz
MP03519 GOLLEDGE-MP03519 Datasheet
189Kb / 7P
SAW Filter 1542.50MHz
More results

Similar Description - MP03587

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Abracon Corporation
AFS20A05-719.00-T3 ABRACON-AFS20A05-719.00-T3 Datasheet
2Mb / 4P
Surface Mount 719.0MHz SAW Filter
03.10.15
AFS20A05-719.00-T2 ABRACON-AFS20A05-719.00-T2 Datasheet
1Mb / 4P
Surface Mount 719.0MHz SAW Filter
08.19.11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com