Electronic Components Datasheet Search
  English  ▼

X  

MP03629 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03629
Description  SAW Filter: 869.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03629 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03629 Datasheet HTML 1Page - Golledge Electronics Ltd MP03629 Datasheet HTML 2Page - Golledge Electronics Ltd MP03629 Datasheet HTML 3Page - Golledge Electronics Ltd MP03629 Datasheet HTML 4Page - Golledge Electronics Ltd MP03629 Datasheet HTML 5Page - Golledge Electronics Ltd MP03629 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter: 869.0MHz
Model: TA1018A
Part No: MP03629
Rev No: 2
TA1018A v2
1
A. MAXIMUM RATING:
E
lectronic Sensitive Device (ESD)
1. Input Power Level: 15dBm
2. DC voltage: 5V
3. Operating Temperature: -10°C to +60°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
869
-
Insertion Loss 868 ~ 870MHz IL
dB
-
2.4
3.0
Amplitude ripple 868 ~ 870MHz
dB
-
0.9
1.0
VSWR 868 ~ 870MHz
-
-
1.7
2.2
Attenuation: (Reference level from 0dB)
0.3 ~ 846.4MHz
846.4 ~ 853.5MHz
884 ~ 898MHz
898 ~ 1200MHz
1200 ~ 2000MHz
dB
dB
dB
dB
dB
40
20
20
40
40
48
28
25
50
44
-
-
-
-
-
Source impedance ZS
Ω
-
50
-
Load impedance ZL
Ω
-
50
-
Note: No matching network required for operation at 50Ω


Similar Part No. - MP03629

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03602 GOLLEDGE-MP03602 Datasheet
108Kb / 7P
SAW Filter 670.0MHz
MP03633 GOLLEDGE-MP03633 Datasheet
87Kb / 6P
SAW Filter 350.0MHz
MP03634 GOLLEDGE-MP03634 Datasheet
159Kb / 6P
SAW Filter 350.0MHz
MP03635 GOLLEDGE-MP03635 Datasheet
91Kb / 4P
SAW Filter 351.10MHz
MP03636 GOLLEDGE-MP03636 Datasheet
111Kb / 7P
SAW Filter 359.20MHz
More results

Similar Description - MP03629

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Abracon Corporation
AB ABRACON-AB Datasheet
2Mb / 4P
SMD 869.0MHz SAW Filter
07.09.14
AFS869.0W01-TS3 ABRACON-AFS869.0W01-TS3 Datasheet
978Kb / 2P
SMD 869.0MHz SAW Filter
08.26.11
logo
Golledge Electronics Lt...
MP05310 GOLLEDGE-MP05310 Datasheet
352Kb / 6P
SAW Filter 869.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com