Electronic Components Datasheet Search
  English  ▼

X  

MP04056 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04056
Description  SAW Filter 460.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04056 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04056 Datasheet HTML 1Page - Golledge Electronics Ltd MP04056 Datasheet HTML 2Page - Golledge Electronics Ltd MP04056 Datasheet HTML 3Page - Golledge Electronics Ltd MP04056 Datasheet HTML 4Page - Golledge Electronics Ltd MP04056 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 460.0MHz
Model: TA1010A
Part No: MP04056
Rev No: 1
TA1010A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 5V
3. Operating Temperature: -30°C to +60°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
460
-
Insertion loss (450 ~ 470MHz) IL
dB
-
2.6
3.2
Amplitude Ripple (450 ~ 470MHz)
dB
-
1.2
2.4
Return loss (450 ~ 470MHz)
dB
7
8.2
-
Attenuation (Reference level from 0dB)
0.3 ~ 300MHz
dB
30
58
-
300 ~ 380MHz
dB
24
56
-
380 ~ 430MHz
dB
15
54
-
504.825 ~ 524.825MHz
dB
12
44
-
559.65 ~ 579.65MHz
dB
28
56
-
669.3 ~ 689.3MHz
dB
24
54
-
689.3 ~ 1000MHz
dB
26
44
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
C. MEASUREMENT CIRCUIT:
5 0Ω
H P N e tw o r k a n a l y z e r
50 Ω
S A W F i l te r
2
6
1 , 3 , 4 , 5 , 7 , 8


Similar Part No. - MP04056

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04052 GOLLEDGE-MP04052 Datasheet
62Kb / 6P
SAW Filter 1561.0MHz
MP04055 GOLLEDGE-MP04055 Datasheet
128Kb / 4P
SAW Filter 460.0MHz
More results

Similar Description - MP04056

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA07241 GOLLEDGE-MA07241 Datasheet
116Kb / 4P
SAW Filter 460.0MHz
MP04055 GOLLEDGE-MP04055 Datasheet
128Kb / 4P
SAW Filter 460.0MHz
MP05064 GOLLEDGE-MP05064 Datasheet
154Kb / 6P
SAW Filter 460.0MHz
MP05502 GOLLEDGE-MP05502 Datasheet
113Kb / 6P
SAW Filter 460.0MHz
MP07672 GOLLEDGE-MP07672 Datasheet
137Kb / 9P
SAW Filter 460.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com