Electronic Components Datasheet Search
  English  ▼

X  

SF20ED60 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF20ED60
Description  20 Amp Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF20ED60 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF20ED60 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF20ED60 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF20ED60
Voltage 600 V
20 Amp Super Fast Recovery Rectifier
23-Aug-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
M
P
J
K
L
L
G
F
B
N
D
E
O
C
H
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Fast Switching for High Efficiency
150°C Operating Junction Temperature
Low Power Loss, High Efficiency
High-Switching Speed 25 Nanosecond Recovery Time
Low Forward Voltage, High Current Capability
Plastic Material Used Carries Underwriters Laboratory
Flammability Classification 94V-0
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
VRRM
600
V
Working Peak Reverse Voltage
VRWM
600
V
DC Blocking Voltage
VR
600
V
Per Leg
10
Average Rectifier Forward Current
Per Device
IF(AV)
20
A
Non-Repetitive Peak Surge Current @ Surge applied at rate load
conditions half-wave, single phase, 60Hz
IFSM
110
A
TA=25°C
2.3
Max. Instantaneous Forward Voltage @ IF=10A
TA=125°C
VF
2
V
TA=25°C
5
Max. Instantaneous Reverse Current
2
TA=125°C
IR
20
µA
Reverse Recovery Time
3
TRR
25
nS
Typical Junction Capacitance
1
CJ
32
pF
Thermal Resistance
RθJC
2
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 5V D.C.
2. Pulse Test: Pulse Width=300µs, Duty Cycle≦2%.
3. IF=0.5A, IR =1A, IRR=0.25A.
Part Number
Type
SF20ED60
Lead (Pb)-free
SF20ED60-C
Lead (Pb)-free and Halogen-free
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.22
16.51
J
0.70
1.78
B
9.57
10.90
K
0.38
1.11
C
12.50
14.75
L
2.01
3.07
D
3.56
5.10
M
2.22
3.43
E
0.51
1.47
N
3.10
4.31
F
2.03
3.19
O
8.10
9.65
G
0.279
0.76
P
1.18 Typ.
H
2.95
4.5
TO-220


Similar Part No. - SF20ED60

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF20ED60F SECOS-SF20ED60F Datasheet
207Kb / 2P
20 Amp Super Fast Recovery Rectifier
SF20ED60F-C SECOS-SF20ED60F-C Datasheet
207Kb / 2P
20 Amp Super Fast Recovery Rectifier
More results

Similar Description - SF20ED60

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG08E200 SECOS-SFG08E200 Datasheet
601Kb / 2P
0.8 Amp Super Fast Recovery Rectifier
SFG10S200 SECOS-SFG10S200 Datasheet
639Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SFG16S200F SECOS-SFG16S200F Datasheet
210Kb / 2P
16.0 Amp Super Fast Recovery Rectifier
SFG10ED200D SECOS-SFG10ED200D_15 Datasheet
804Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
logo
Solid States Devices, I...
SDR20JF SSDI-SDR20JF Datasheet
157Kb / 2P
20 AMP FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SF15E60F SECOS-SF15E60F Datasheet
225Kb / 2P
15 Amp Super Fast Recovery Rectifier
SF20ED60F SECOS-SF20ED60F Datasheet
207Kb / 2P
20 Amp Super Fast Recovery Rectifier
SF20TD60 SECOS-SF20TD60 Datasheet
212Kb / 2P
20.0 Amp Super Fast Recovery Rectifier
SF20TD60F SECOS-SF20TD60F Datasheet
207Kb / 2P
20.0 Amp Super Fast Recovery Rectifier
SF10TD60 SECOS-SF10TD60 Datasheet
210Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com