Electronic Components Datasheet Search
  English  ▼

X  

MSM27C802CZ Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM27C802CZ
Description  524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C802CZ Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM27C802CZ Datasheet HTML 4Page - OKI electronic componets MSM27C802CZ Datasheet HTML 5Page - OKI electronic componets MSM27C802CZ Datasheet HTML 6Page - OKI electronic componets MSM27C802CZ Datasheet HTML 7Page - OKI electronic componets MSM27C802CZ Datasheet HTML 8Page - OKI electronic componets MSM27C802CZ Datasheet HTML 9Page - OKI electronic componets MSM27C802CZ Datasheet HTML 10Page - OKI electronic componets MSM27C802CZ Datasheet HTML 11Page - OKI electronic componets MSM27C802CZ Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MSM27C802CZ
High Speed Programming Algorithm ( II )
Program 25
µs
X=0
VCC=6.25V
VPP=11.5V
X=X+1
YES
PASS
NO
NG
PASS
VCC=5.5V
VPP=5.5V
Start
X=10 ?
Increment Address
Verify (One Byte)
Last Address ?
Compare All
Device Passed
Device Failed
Program 25
µs
First Address
VCC=4.5V
VPP=4.5V
PASS
Compare All
NG
First Address
Last Address ?
NO
Increment Address
YES
NG
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com