Electronic Components Datasheet Search
  English  ▼

X  

2SC5772 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC5772
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5772 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC5772 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5772 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This data sheet contains tentative specification for new product development. It may partially be subject to
change without notice.
2SC5772
Silicon NPN Epitaxial
UHF / VHF wide band amplifier
ADE-208-1390 (Z)
Preliminary 1st. Edition
Mar. 2001
Features
• High gain bandwidth product
f
T = 9 GHz typ.
• High power gain and low noise figure ;
PG = 13 dB typ., NF = 1.1 dB typ. at f = 900 MHz
Outline
1
2
3
1. Emitter
2. Base
3. Collector
MPAK
Note: Marking is “FR-”.


Similar Part No. - 2SC5772

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
New Jersey Semi-Conduct...
2SC5772 NJSEMI-2SC5772 Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
logo
Renesas Technology Corp
2SC5772FR-TL-E RENESAS-2SC5772FR-TL-E Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
More results

Similar Description - 2SC5772

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com