Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
23
INA821
www.ti.com
SBOS893A – AUGUST 2018 – REVISED DECEMBER 2018
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 3. INA821 EMIRR for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
DIFFERENTIAL
EMIRR
COMMON-MODE
EMIRR
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultrahigh-
frequency (UHF) applications
60 dB
88 dB
900 MHz
Global system for mobile communications (GSM) applications, radio
communication, navigation, GPS (up to 1.6 GHz), GSM, aeronautical mobile,
UHF applications
58 dB
60 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite,
L-band (1 GHz to 2 GHz)
66 dB
89 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
industrial, scientific and medical (ISM) radio band, amateur radio and satellite,
S-band (2 GHz to 4 GHz)
73 dB
98 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
99 dB
111 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication,
space and satellite operation, C-band (4 GHz to 8 GHz)
83 dB
91 dB
8.3.3 Input Common-Mode Range
The linear input voltage range of the INA821 input circuitry extends within 2 V of power supplies and maintains
excellent common-mode rejection throughout this range. The common-mode range for the most common
operating conditions are shown in Figure 58, Figure 53 and Figure 54. The common-mode range for other
operating conditions is best calculated using the INA common-mode range calculating tool. The INA821 device
operates over a wide range of power supplies and VREF configurations, which provides a comprehensive guide to
common-mode range limits for all possible conditions.
VS = 5 V
G = 1
Figure 58. Input Common-Mode Voltage vs Output Voltage
VS = 5 V
G = 100
Figure 59. Input Common-Mode Voltage vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com