Electronic Components Datasheet Search
  English  ▼

X  

KV1402 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # KV1402
Description  SILICON VARACTOR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

KV1402 Datasheet(HTML) 1 Page - Advanced Semiconductor

  KV1402 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D
S E M I C O N D U C T O R,
I N C.
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • TELEX: 18-2651 • FAX (818) 765-3004
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VBR
IR = 10 µA
12
V
IR
VR = 10 V
100
nA
CT1.25
VR = 1.25 V
f = 1.0 MHz
81.5
pF
CT2
VR = 2.0 V
f = 1.0 MHz
46
68
pF
CT7
VR = 7.0 V
f = 1.0 MHz
6.1
pF
CT10
VR =10 V
f = 1.0 MHz
4.2
5.2
pF
CT1.25/CT7
VR = 1.25 V /7.0 V
f = 1.0 MHz
13
pF
CT2/CT10
VR = 2 V /10V
f = 1.0 MHz
10
17
pF
Q
VR = 2.0 V
f = 1.0 MHz
200
700
---
SILICON VARACTOR DIODE
KV1402
DESCRIPTION:
The ASI KV1402 is a Hyperbrupt
Tunning Varactor Diode designed for
Applications from audio frequencies to
100 MHz
FEATURES:
• Hermetically Sealed Package
• Medium Tunning Range
MAXIMUM RATINGS
IF
100 mA
VR
12 V
TJ
-55 to +125 °C
T
STG
-65 to +200 °C
PACKAGE STYLE 15


Similar Part No. - KV1402

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1400 TOKO-KV1400 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1400F0 TOKO-KV1400F0 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1400TL TOKO-KV1400TL Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
logo
Microsemi Corporation
KV1401 MICROSEMI-KV1401 Datasheet
129Kb / 3P
VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM
logo
TOKO, Inc
KV1405 TOKO-KV1405 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
More results

Similar Description - KV1402

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
REV. A
MVAM108 ASI-MVAM108 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
MV1807J1 ASI-MV1807J1 Datasheet
27Kb / 1P
SILICON VARACTOR DIODE
1N4388 ASI-1N4388 Datasheet
23Kb / 1P
SILICON MULTIPLIER VARACTOR DIODE
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
AT9001 ASI-AT9001 Datasheet
22Kb / 1P
SILICON VARACTOR DIODE
AHV8801-15 ASI-AHV8801-15 Datasheet
28Kb / 1P
SILICON VARACTOR DIODE
AHV9501-15 ASI-AHV9501-15 Datasheet
16Kb / 1P
SILICON VARACTOR DIODE
AT12020-21 ASI-AT12020-21 Datasheet
22Kb / 1P
SILICON ABRUPT VARACTOR DIODE
MA4060B ASI-MA4060B Datasheet
31Kb / 1P
SILICON MULTIPIER VARACTOR DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com