Electronic Components Datasheet Search
  English  ▼

X  

2SD662 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD662
Description  For High Breakdown Voltage General Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD662 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD662 Datasheet HTML 1Page - Panasonic Semiconductor 2SD662 Datasheet HTML 2Page - Panasonic Semiconductor 2SD662 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD0662, 2SD0662B
2
SJC00195BED
IC  IB
VCE(sat)  IC
IB  VBE
PC  Ta
IC  VCE
IC  VBE
hFE  IC
fT  IE
ICBO  Ta
0
160
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature T
a (°C)
010
8
26
4
0
120
100
80
60
40
20
Ta
= 25°C
IB
= 2.0 mA
0.2 mA
0.4 mA
0.6 mA
1.8 mA
1.6 mA
1.4 mA
1.2 mA
1.0 mA
0.8 mA
Collector-emitter voltage V
CE (V)
0
2.0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
VCE
= 10 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
0
2.0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
VCE
= 10 V
Ta
= 25°C
Base current I
B (mA)
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB
= 10
25
°C
−25°C
Ta
= 75°C
Collector current I
C (mA)
0
1.0
0.8
0.2
0.6
0.4
0
3.0
2.5
2.0
1.5
1.0
0.5
VCE
= 10 V
Ta
= 25°C
Base-emitter voltage V
BE (V)
0.01
0.1
1
10
0
360
300
240
180
120
60
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
−1
−10
−100
0
160
120
40
100
140
80
20
60
VCB
= 10 V
Ta
= 25°C
Emitter current I
E (mA)
0200
160
40
120
80
1
10
102
103
104
VCB
= 250 V
Ambient temperature T
a (°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com