| Electronic Components Datasheet Search |
|
2SD0875 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SD0875 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 3 page ![]() Transistors 1 Publication date: November 2002 SJC00198CED 2SD0875 (2SD875) Silicon NPN epitaxial planar type For low-frequency power amplification Complementary to 2SB0767 (2SB767) ■ Features • Large collector power dissipation P C • High collector-emitter voltage (Base open) V CEO • Mini power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. ■ Absolute Maximum Ratings T a = 25°C Parameter Symbol Rating Unit Collector-base voltage (Emitter open) VCBO 80 V Collector-emitter voltage (Base open) VCEO 80 V Emitter-base voltage (Collector open) VEBO 5V Collector current IC 0.5 A Peak collector current ICP 1A Collector power dissipation * PC 1W Junction temperature Tj 150 °C Storage temperature Tstg −55 to +150 °C Parameter Symbol Conditions Min Typ Max Unit Collector-base voltage (Emitter open) VCBO IC = 10 µA, IE = 080 V Collector-emitter voltage (Base open) VCEO IC = 100 µA, I B = 080 V Emitter-base voltage (Collector open) VEBO IE = 10 µA, IC = 05 V Collector-base cutoff current (Emitter open) ICBO VCB = 20 V, IE = 0 0.1 µA Forward current transfer ratio hFE1 * VCE = 10 V, IC = 150 mA 130 330 hFE2 VCE = 50 V, IC = 500 mA 50 100 Collector-emitter saturation voltage VCE(sat) IC = 300 mA, IB = 30 mA 0.2 0.4 V Base-emitter saturation voltage VBE(sat) IC = 300 mA, I B = 30 mA 0.85 1.2 V Transition frequency fT VCB = 10 V, IE = −50 mA, f = 200 MHz 120 MHz Collector output capacitance Cob VCB = 10 V, IE = 0, f = 1 MHz 11 20 pF (Common base, input open circuited) ■ Electrical Characteristics T a = 25°C ± 3°C Unit: mm 4.5±0.1 3.0±0.15 45˚ 1.6±0.2 1.5±0.1 0.5±0.08 0.4±0.04 0.4±0.08 12 3 1.5±0.1 3˚ 1: Base 2: Collector 3: Emitter MiniP3-F1 Package Rank R S hFE1 130 to 220 185 to 330 Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Note) *: Printed circuit board: Copper foil area of 1 cm2 or more, and the board thickness of 1.7 mm for the collector portion Note) The part number in the parenthesis shows conventional part number. Marking Symbol: X |
Similar Part No. - 2SD0875 |
|
Similar Description - 2SD0875 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |