Electronic Components Datasheet Search
  English  ▼

X  

TC0170B Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0170B
Description  SAW Resonator 433.92 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0170B Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0170B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0170B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0170B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0170B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 433.92 MHz
Model No.: TC0170B
Rev. No.:2
A. Features:
1. 1-Port Resonator.
2. SMD 3.8x3.8x1.4 mm package size.
B. Maximum Rating:
1. Power Dissipation: 0 dBm.
2. DC voltage: 12 V.
3. Storage Temperature: -40 °C to 85 °C.
4. Operating Temperature: -40 °C to 85 °C.
C. Electrical Characteristics:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency, Fr
MHz
433.845
433.92
433.995
Insertion Loss, IL
dB
-
1.6
2.5
Equivalent Circuit Elements
Motional capacitance, C1
fF
-
1.33
-
Motional inductance, L1
µH
-
101.15
-
Motional resistance, R1
Ohm
-
23.36
25
Parallel capacitance, Co
pF
-
2.53
-
Temp. coeff.
ppm/ °c*2
-
0.032
-
Turnover To
°C
10
-
40
D. Outline Drawing:
170
T C
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com