Electronic Components Datasheet Search
  English  ▼

X  

MP02446 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02446
Description  SAW Filter 793MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02446 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02446 Datasheet HTML 1Page - Golledge Electronics Ltd MP02446 Datasheet HTML 2Page - Golledge Electronics Ltd MP02446 Datasheet HTML 3Page - Golledge Electronics Ltd MP02446 Datasheet HTML 4Page - Golledge Electronics Ltd MP02446 Datasheet HTML 5Page - Golledge Electronics Ltd MP02446 Datasheet HTML 6Page - Golledge Electronics Ltd MP02446 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 793MHz
Model: TA1131A
Part No: MP02446
REV NO.: 1
TA1131A v1
1
A. MAXIMUM RATING:
1. Input Power Level: +25 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
793
-
-
Insertion Loss (788~798 MHz)
IL
dB
-
1.3
2.5
-
Amplitude Ripple (788~798 MHz)
dB
-
0.4
1.5
-
Return Loss (788~798 MHz)
dB
10
15
-
-
Attenuation (Reference level from 0 dB)
0 ~ 700
MHz
dB
30
41
-
-
758 ~ 768
MHz
dB
45
57
-
-
848 ~ 890
MHz
dB
35
43
-
-
1000 ~ 2000
MHz
dB
25
42
-
-
C. OUTLINE DRAWING:
2 : Input
6: Output
1,3,4,5,7,8: Ground
Unit: mm


Similar Part No. - MP02446

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02447 GOLLEDGE-MP02447 Datasheet
131Kb / 7P
SAW Filter 763MHz
More results

Similar Description - MP02446

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB1182A TAI-SAW-TB1182A Datasheet
179Kb / 7P
IF SAW Filter 793MHz SMD 13.3X6.5mm
TF0193A TAI-SAW-TF0193A Datasheet
1Mb / 14P
SAW DPX 763 / 793MHz 10/10MHz BW Band14 SMD1.8X1.4 mm
TF0193B TAI-SAW-TF0193B Datasheet
1Mb / 14P
SAW DPX 763 / 793MHz 10/10MHz BW Band14 SMD1.8X1.4 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com