Electronic Components Datasheet Search
  English  ▼

X  

MP02702 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02702
Description  SAW Filter 806MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02702 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02702 Datasheet HTML 1Page - Golledge Electronics Ltd MP02702 Datasheet HTML 2Page - Golledge Electronics Ltd MP02702 Datasheet HTML 3Page - Golledge Electronics Ltd MP02702 Datasheet HTML 4Page - Golledge Electronics Ltd MP02702 Datasheet HTML 5Page - Golledge Electronics Ltd MP02702 Datasheet HTML 6Page - Golledge Electronics Ltd MP02702 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 806MHz
Model: TA1071A
Part No: MP02702
REV. NO.: 1
TA1071A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -25°C to +75°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
806
-
Insertion Loss (791~821 MHz)
IL
dB
-
2.9
4.5
Amplitude ripple (791~821 MHz)
dB
-
1.3
3.0
VSWR (791~821 MHz)
-
-
1.7
2.5
Attenuation (reference from 0dB)
D.C ~ 760
MHz
dB
45
55
-
760 ~ 775
MHz
dB
30
48
-
832 ~ 862
MHz
dB
8
15
-
862 ~ 900 MHz
dB
30
39
-
900 ~ 1500 MHz
dB
45
57
-
1500 ~ 2000 MHz
dB
35
45
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MP02702

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02701 GOLLEDGE-MP02701 Datasheet
77Kb / 7P
SAW Filter 847.0MHz
More results

Similar Description - MP02702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT80602 SIPAT-LBT80602 Datasheet
291Kb / 3P
806MHz SAW Filter 30MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1756A TAI-SAW-TA1756A Datasheet
317Kb / 9P
SAW Rx Filter 806MHz LTE Band 20 SMD 1411 (30MHz BW)
TA2041A TAI-SAW-TA2041A Datasheet
502Kb / 9P
SAW Rx Filter 806MHz LTE Band 20 SMD 1109 (30MHz BW)
TF0168A TAI-SAW-TF0168A Datasheet
662Kb / 14P
SAW DPX 847/806MHz Band20 Un-balanced SMD1.8X1.4 mm (29.5MHz BW)
TF0168B TAI-SAW-TF0168B Datasheet
649Kb / 13P
SAW DPX 847 / 806MHz 29.5/29.5MHz BW Band20 SMD1.8X1.4 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com