Electronic Components Datasheet Search
  English  ▼

X  

MP03079 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03079
Description  SAW Filter 475MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03079 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03079 Datasheet HTML 1Page - Golledge Electronics Ltd MP03079 Datasheet HTML 2Page - Golledge Electronics Ltd MP03079 Datasheet HTML 3Page - Golledge Electronics Ltd MP03079 Datasheet HTML 4Page - Golledge Electronics Ltd MP03079 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 475MHz
Model: TA1113A
Part No: MP03079
Rev No: 1
TA1113A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage: 5V
3. Operating Temperature: -30°C to +60°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
475
-
Insertion loss (465 ~ 485MHz) IL
dB
-
2.4
3.2
Amplitude Ripple (465 ~ 485MHz)
dB
-
0.9
2.4
Return loss (465 ~ 485MHz)
dB
6
7.3
-
Attenuation (Reference level from 0dB)
0.3 ~ 300MHz
dB
30
57
-
300 ~ 380MHz
dB
24
55
-
380 ~ 445MHz
dB
15
50
-
519.825 ~ 539.825MHz
dB
12
55
-
559.65 ~ 579.65MHz
dB
28
53
-
669.3 ~ 689.3MHz
dB
24
49
-
689.3 ~ 1000MHz
dB
26
42
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1, 3, 4 , 5,7 ,8


Similar Part No. - MP03079

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03070 GOLLEDGE-MP03070 Datasheet
54Kb / 5P
SAW Filter 707MHz
MP03072 GOLLEDGE-MP03072 Datasheet
46Kb / 4P
SAW Filter 140MHz
MP03075 GOLLEDGE-MP03075 Datasheet
108Kb / 6P
SAW Filter 104MHz
More results

Similar Description - MP03079

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0568A TAI-SAW-TA0568A Datasheet
439Kb / 6P
SAW Filter 475MHz SMD 5.0횞5.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
RF Micro Devices
RF5604 RFMD-RF5604 Datasheet
753Kb / 9P
5V, 475MHZ TO 625MHZ FEM
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com