Electronic Components Datasheet Search
  English  ▼

X  

ES14A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ES14A
Description  High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ES14A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ES14A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ES14A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ES14A
400V, 1A
High Efficiency Recovery Rectifiers
26-Mar-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
High Surge Current Capability
Fast Switching for High Efficiency
Low Reverse Current
MECHANICAL DATA
Case: Molded plastic SMA
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead free Plating (Tin Finish)
Solderable per MIL STD 202, Method 208
Polarity: Cathode Band
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13 inch
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
400
V
Maximum RMS Voltage
VRMS
280
V
Maximum DC Blocking Voltage
VDC
400
V
Maximum Average Forward Rectified Current
IF
1
A
Peak Forward Surge Current, @8.3ms Single Half Sine-Wave
Superimposed on Rated Load
IFSM
35
A
Maximum Instantaneous Forward Voltage
@IF=1A, TA=25°C
VF
1.25
V
TA=25°C
5
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TA=100°C
IR
50
µA
Typical Junction Capacitance
1
CJ
10
pF
Maximum Reverse Recovery Time
2
TRR
25
nS
Typical Thermal Resistance
3
RθJC
30
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 4V DC.
2.
Measured with IF=0.5A, IR=1.0A, IRR=0.25A.
3.
Mounted on 0.2*0.2’’(5*5mm) Copper Pad Area.
Part Number
Type
ES14A
Lead (Pb)-free
ES14A-C
Lead (Pb)-free and Halogen-free
SMA
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.24
1.65
E
-
0.3
B
3.99
4.75
F
4.80
5.28
C
2.30
2.90
G
0.76
1.52
D
1.90
2.62
H
0.15
0.31


Similar Part No. - ES14A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ES14A0A-E28-L008N BOURNS-ES14A0A-E28-L008N Datasheet
180Kb / 6P
ES14 - 14 mm Rotary Optical Encoder
09/19
ES14A0A-E28-L016N BOURNS-ES14A0A-E28-L016N Datasheet
180Kb / 6P
ES14 - 14 mm Rotary Optical Encoder
09/19
ES14A0A-E28-L032N BOURNS-ES14A0A-E28-L032N Datasheet
180Kb / 6P
ES14 - 14 mm Rotary Optical Encoder
09/19
ES14A0A-E28-L064N BOURNS-ES14A0A-E28-L064N Datasheet
180Kb / 6P
ES14 - 14 mm Rotary Optical Encoder
09/19
ES14A0A-E28-L108N BOURNS-ES14A0A-E28-L108N Datasheet
180Kb / 6P
ES14 - 14 mm Rotary Optical Encoder
09/19
More results

Similar Description - ES14A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DHE05A LUGUANG-DHE05A Datasheet
445Kb / 2P
High Efficiency Recovery Rectifiers
DHE05M LUGUANG-DHE05M Datasheet
2Mb / 2P
High Efficiency Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS_15 Datasheet
261Kb / 2P
High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US1A-SMA YFWDIODE-US1A-SMA Datasheet
104Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMB YFWDIODE-US2A-SMB Datasheet
101Kb / 2P
High Efficiency Recovery rectifiers
US3A-US3M-SMC YFWDIODE-US3A-US3M-SMC Datasheet
302Kb / 2P
High Efficiency Recovery rectifiers
logo
Shanghai Leiditech Elec...
US5A LEIDITECH-US5A Datasheet
297Kb / 3P
High Efficiency Recovery rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com