Electronic Components Datasheet Search
  English  ▼

X  

SEF112C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF112C
Description  1A High Voltage Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF112C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF112C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF112C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SEF112C
VOLTAGE 1200V
1A High Voltage Ultrafast Rectifier
07-Nov-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
Parameter
Symbol
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
1200
V
RMS Voltage
VRMS
850
V
Average Forward Current @TJ=25°C
IF(AV)
1
A
Peak Forward Current @8.3ms, Single Half Sine Wave
IFSM
25
A
TA=25°C
1.9 (Typ. 1.6)
Maximum Instantaneous Forward Voltage
@IF=1A
TA=125°C
VF
1.6 (Typ. 1.2)
V
TJ 25°C
5
Maximum Reverse Current
@VR=1200V
TJ=125°C
IR
50
A
Typical Junction Capacitance
1
CJ
4.5
pF
Typical Thermal Resistance
2
RθJA
55
°C/W
Reverse Recovery Time @IF=0.5 A, IRR=0.25 A, IR=1A
TRR
75 (Typ. 60)
nS
Operating Junction and Storage Temperature
TJ, TSTG
-55~175
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5V D.C.
2.
Thermal Resistance Junction to Ambient. Printed circuit board FR4 copper pad 1×1cm, 35 m thickness.
Part Number
Type
SEF112C
Lead (Pb)-free
SEF112C-C
Lead (Pb)-free and Halogen-free
SMC
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.270
E
-
0.203
B
6.520
7.110
F
7.640
8.130
C
5.50
6.220
G
0.750
1.520
D
1.980
2.620
H
0.23 TYP


Similar Part No. - SEF112C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectif
SEF112B SECOS-SEF112B_15 Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectifier
More results

Similar Description - SEF112C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
logo
Digitron Semiconductors
UFR100 DIGITRON-UFR100 Datasheet
133Kb / 2P
1A ULTRAFAST RECOVERY RECTIFIER
logo
Vishay Siliconix
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
Ultrafast high voltage rectifier
May 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com