Electronic Components Datasheet Search
  English  ▼

X  

S10JC Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S10JC
Description  10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S10JC Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S10JC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S10JC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S10JC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S10JC Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S10JC Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S10GC - S10MC
Taiwan Semiconductor
1
Version:B1708
10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
FEATURES
● Low forward voltage drop
● Ideal for automated placement
● High surge current capability
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● Converter
MECHANICAL DATA
● Case: DO-214AB (SMC)
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix "H" means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Moisture sensitivity level: level 1, per J-STD-020
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.27 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
10
A
VRRM
400 - 1000
V
IFSM
250
A
TJ MAX
150
°C
Package
DO-214AB (SMC)
Configuration
Single die
DO-214AB (SMC)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL S10GC S10JC S10KC S10MC UNIT
Marking code on the device
S10GC
S10JC
S10KC
S10MC
Repetitive peak reverse voltage
VRRM
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
280
420
560
700
V
Maximum DC blocking voltage
VDC
400
600
800
1000
V
Forward current
IF(AV)
10
A
Surge peak forward current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
250
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - S10JC

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
S10JC CHENDA-S10JC Datasheet
971Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
S10JCG SKTECHNOLGY-S10JCG Datasheet
565Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S10JC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S8GC TSC-S8GC_14 Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GC TMT-S8GC_16 Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
YBS2204G TSC-YBS2204G Datasheet
367Kb / 5P
2.2A, 400V - 1000V Glass Passivated Bridge Rectifier
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S15GC TSC-S15GC Datasheet
176Kb / 4P
15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
KBPF204G TSC-KBPF204G Datasheet
361Kb / 5P
2A, 400V - 1000V Glass Passivated Bridge Rectifier
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
4A, 400V - 1000V Glass Passivated Bridge Rectifier
YBS3004G TSC-YBS3004G Datasheet
288Kb / 5P
3A, 400V - 1000V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com