Electronic Components Datasheet Search
  English  ▼

X  

ML9092 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML9092
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML9092 Datasheet HTML 17Page - OKI electronic componets ML9092 Datasheet HTML 18Page - OKI electronic componets ML9092 Datasheet HTML 19Page - OKI electronic componets ML9092 Datasheet HTML 20Page - OKI electronic componets ML9092 Datasheet HTML 21Page - OKI electronic componets ML9092 Datasheet HTML 22Page - OKI electronic componets ML9092 Datasheet HTML 23Page - OKI electronic componets ML9092 Datasheet HTML 24Page - OKI electronic componets ML9092 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
21/66
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable Pins
“H” Output Voltage 1
VOH1
IO = –0.4 mA
VDD – 0.4
—
—
V
DI/O, KREQ
“H” Output Voltage 2
VOH2
IO = –40 µA
0.9VDD
—
—
V
OSC2
“H” Output Voltage 3
VOH3
IO = –15 mA
VDD – 1.7
—
—
V
PA0
“H” Output Voltage 4
VOH4
IO = –2 mA
(When R0/C0–
R4/C4 and
C0/D0–C4/D4 are
used as ports C
and D)
VDD – 1.2
—
—
V
Only applies to
ML9092-01.
PB0–PB2,
R0/C0–R4/C4,
C0/D0–C4/D4
“H” Output Voltage 5
VOH5
IO = –50 µA
(When R0/C0–
R4/C4 are used
for key scanning)
VDD – 2.0
—
—
V
R0/C0–R4/C4(-01),
R0–R5 (-02, -03)
R0–R4 (-04)
“L” Output Voltage 1
VOL1
IO = 0.4 mA
—
—
0.4
V
DI/O, KREQ
“L” Output Voltage 2
VOL2
IO = 40 µA
—
—
0.1VDD
V
OSC2
“L” Output Voltage 3
VOL3
IO = 1 mA
(When R0/C0–
R4/C4 and
C0/D0–C4/D4 are
used as ports C
and D)
—
—
0.4
V
PA0, PB0–PB2,
C0/D0–C4/D4,
R0/C0–R4/C4
“L” Output Voltage 4
VOL4
IO = 2.7 mA
(When R0/C0–
R4/C4 are used
for key scanning)
—
—
0.3
V
R0/C–R4/C4 (-01),
R0–R5 (-02, -03)
R0–R4 (-04)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com