Electronic Components Datasheet Search
  English  ▼

X  

F38 Datasheet(PDF) 3 Page - AVX Corporation

Part # F38
Description  Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F38 Datasheet(HTML) 3 Page - AVX Corporation

  F38 Datasheet HTML 1Page - AVX Corporation F38 Datasheet HTML 2Page - AVX Corporation F38 Datasheet HTML 3Page - AVX Corporation F38 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
042418
229
F38 Series
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TEST
F38 series (Temperature range -55ºC to +105ºC)
Condition
At 40°C, 90 to 95% R.H., 500 hours (No voltage applied)
Capacitance Change ........... Refer to page 228 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 300% or less of Initial specified value
At -55°C / +105°C, 30 minutes each, 5 cycles
Capacitance Change ........... Refer to page 228 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 400% or less of initial specified value
5 seconds reflow at 260°C
Capacitance Change ........... Refer to page 228 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 300% or less of initial specified value
After application of surge voltage in series with a 1kΩ resistor at the rate of 30 seconds ON, 30 seconds OFF,
for 1000 successive test cycles at 85ºC (*2), capacitors shall meet the characteristic requirements in the table above.
Capacitance Change ........... Refer to page 228 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 300% or less of initial specified value
After 1000 hours’ application of rated voltage in series with a 3Ω resistor at 85°C (*2),
capacitors shall meet the characteristic requirements in the table above.
Capacitance Change ........... Refer to page 228 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 400% or less of initial specified value
After applying the pressure load of 5N for 10±1 seconds horizontally to the center of capacitor side body
which has no electrode and has been soldered beforehand on a substrate, there shall be found neither
exfoliation nor its sign at the terminal electrode.
Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at
both of the opposite bottom points 45mm apart from the center of capacitor, the pressure strength is
applied with a specified jig at the center of substrate so that the substrate may bend by 1mm as
illustrated. Then, there shall be found no remarkable abnormality on the capacitor terminals.
QUALIFICATION TABLE
NOTICE: DESIGN, SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE.
*2 F380J476MMAAXE: Rated temperature +60ºC Surge, endurance test temperature +60ºC
RECOMMENDED DERATING FACTOR
Voltage and temperature derating as percentage of Vr
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
105ºC
Rated Voltage
Recommended Application
Voltage for Vr ≤ 6.3V
Recommended Application
Voltage for Vr ≥ 10V
80%
72%
64%
Rated Voltage
F38 LZT, AXE
Recommended Application
Voltage
100%
80%
60%
40%
20%
0%
100%
80%
40%
-55ºC
0ºC
60ºC
105ºC
50%
Damp Heat
(Steady State)
Temperature Cycles
Resistance to
Soldering Heat
Surge
Endurance
Shear Test
Terminal Strength



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com