Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1509
Description  2A PWM BUCK DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1509 Datasheet HTML 3Page - Diodes Incorporated AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated AP1509 Datasheet HTML 10Page - Diodes Incorporated AP1509 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP1509
Typical Performance Characteristics (continued)
AP1509 Threshold Voltage vs. Temperature
(VIN = 12V, Io = 100mA)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (TA) (°C)
AP1509 ON/OFF Current vs. ON/OFF Voltage
(VIN = 12V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
3
6
9
12
15
18
21
ON/OFF Voltage (V)
AP1509 Frequency vs. Temperature
(VIN = 12V, Io = 500mA, VOUT = 5V)
140
145
150
155
160
165
170
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (TA) (°C)
AP1509 Feedback Current vs. Temperature
(VIN = 12V, VOUT = 5V, Vfb = 1.3V)
-50
-40
-30
-20
-10
0
10
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
AP1509 Output Voltage vs. Temperature
(VIN = 12V, Io = 2A)
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-40 -20
0
20
40
60
80 100 120 140 160
Temperature (TA) (°C)
AP1509
Document number: DS31016 Rev. 5 - 2
7 of 12
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com