Electronic Components Datasheet Search
  English  ▼

X  

AP1513 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated AP1513 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1513
Document number: DS31053 Rev. 5 - 2
1 of 9
www.diodes.com
December 2017
© Diodes Incorporated
AP1513
PWM CONTROL 2A STEP-DOWN CONVERTER
Description
AP1513 consists of step-down switching regulator with PWM control.
These devices include a reference voltage source, oscillation circuit,
error amplifier, and internal PMOS.
AP1513 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary the
duty ratio linearly from 0 up to 100%. This converter also contains an
error amplifier circuit as well as a soft-start circuit that prevents
overshoot at startup. An enable function, an over current protect
function and a short circuit protect function are built inside, and when
OCP or SCP happens, the operation frequency will be reduced from
300kHz to 30kHz. Also, an internal compensation block is built in to
minimum external component count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can function
as step-down switching regulators. They serve as ideal power supply
units for portable devices when coupled with the SO-8 mini-package,
providing such outstanding features as low current consumption.
Since this converter can accommodate an input voltage up to 18V, it is
also suitable for the operation via an AC adapter.
Features
Input Voltage: 3.6V to 18V
Output Voltage: 0.8V to VCC
Duty Ratio: 0% to 100% PWM Control
Oscillation Frequency: 300kHz Typ
Soft-start, Current Limit, Enable Function
Thermal Shutdown Function
Built-in Internal SW P-channel MOS
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
FB
Output
OCSET
AP1513
Output
EN
VSS
VSS
VCC
SO-8
Applications
PC Motherboard
LCD Monitor
Graphic Card
DVD-Video Player
Telecom Equipment
ADSL Modem
Printer and Other Peripheral Equipment
Microprocessor Core Supply
Networking Power Supply
Notes:
1.
No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2.
See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,"Green"
and Lead-free.
3.
Halogen- and Antimony-free "Gr
een” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP1513
+
-
V
SS
EN
C
C
R
A
R
B
D1
SBR2U30P1
FB
Vcc
Output
CVcc
V
OUT= 5V/2A
V
IN
R
OCSET
OCSET
C
OUT
C
IN
Optional
C
OCSET
C
EN
R
EN
Option
100K
L1
33µH
6.8K
1.3K
3K
0.1µF
+
-
C
0.1µF
470µF
470µF
0.1µF
VIN = 12V, IMAX = 2A
VOUT
2.5V
3.3V
5V
L1 Value
22µH
27µH
33µH
Note: VOUT=VFB x (1+RA/RB)
RB=0.7kΩ to 5kΩ


Similar Part No. - AP1513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1513 DIODES-AP1513 Datasheet
249Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 4
AP1513 DIODES-AP1513 Datasheet
490Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev. 5 - 2 December 2017
logo
Anachip Corp
AP1513S ANACHIP-AP1513S Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
More results

Similar Description - AP1513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com