Electronic Components Datasheet Search
  English  ▼

X  

AP1605 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1605
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1605 Datasheet HTML 1Page - Diodes Incorporated AP1605 Datasheet HTML 2Page - Diodes Incorporated AP1605 Datasheet HTML 3Page - Diodes Incorporated AP1605 Datasheet HTML 4Page - Diodes Incorporated AP1605 Datasheet HTML 5Page - Diodes Incorporated AP1605 Datasheet HTML 6Page - Diodes Incorporated AP1605 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1605
Document number: DS31021 Rev. 3 - 2
2 of 7
www.diodes.com
December 2017
© Diodes Incorporated
AP1605
Typical Applications Circuit
(1)
Normal Application
+
-
CC
RA
RB
D1
OUT
VSS
FB
PV CC
SW
VCC
R VCC
C VCC
AP1605
=~200K
CE
RCE
CCE
)
R
R
(1
VFB
VOUT
B
A
100K
0.1μF
(2)
Application with Short Circuit Protection
AP 1605
+
-
VSS
CE
CC
RA
RB
D1
VOUT : 1.8V
FB
PV CC
SW
VCC
DVCC
1N4148 for above 5V Vin and
Schottky for below
5V Vin
CVCC
0.1uF
CPVCC
100 uF
CON/OFF
0.2uF
RON/OFF
3.5M
RBias
10 M
RSENCE
1M
COUTPUT
100 uF
VIN : 2.5V~7V
)
R
R
(1
VFB
Vout
B
A
=~10K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com