Electronic Components Datasheet Search
  English  ▼

X  

AP3418 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3418
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3418 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3418 Datasheet HTML 2Page - Diodes Incorporated AP3418 Datasheet HTML 3Page - Diodes Incorporated AP3418 Datasheet HTML 4Page - Diodes Incorporated AP3418 Datasheet HTML 5Page - Diodes Incorporated AP3418 Datasheet HTML 6Page - Diodes Incorporated AP3418 Datasheet HTML 7Page - Diodes Incorporated AP3418 Datasheet HTML 8Page - Diodes Incorporated AP3418 Datasheet HTML 9Page - Diodes Incorporated AP3418 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP3418
Document number: DS37233 Rev. 3 - 2
6 of 11
www.diodes.com
November 2014
© Diodes Incorporated
AP3418
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont. VIN = 5V, TA = +25ºC, unless otherwise specified.)
RDS (ON)_UP vs. Temperature
RDS (ON)_DOWN vs. Temperature
Output Ripple (IOUT = 0A)
Output Ripple (IOUT = 1.5A)
Enable Turn on (IOUT = 1.5A)
Enable Turn off (IOUT = 1.5A)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.1
0.2
0.3
0.4
0.5
Temperature (
oC)
V
IN = 5.0V
I
SW = 200mA
-40
-20
0
20
40
60
80
100
120
140
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Temperature (
oC)
V
IN
= 5.0V
I
SW
= 200mA
Time 1µs/div
VSW
2V/div
IL
1A/div
VOUT_AC
10mV/div
VSW
2V/div
IL
200mA/div
Time 10ms/div
VOUT_AC
10mV/div
Time 200
μs/div
VOUT
1V/div
IL
1A/div
VEN
5V/div
VSW
2V/div
Time 200
μs/div
VOUT
1V/div
IL
1A/div
VEN
5V/div
VSW
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com