Electronic Components Datasheet Search
  English  ▼

X  

AP3427M Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3427M
Description  DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3427M Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3427M Datasheet HTML 1Page - Diodes Incorporated AP3427M Datasheet HTML 2Page - Diodes Incorporated AP3427M Datasheet HTML 3Page - Diodes Incorporated AP3427M Datasheet HTML 4Page - Diodes Incorporated AP3427M Datasheet HTML 5Page - Diodes Incorporated AP3427M Datasheet HTML 6Page - Diodes Incorporated AP3427M Datasheet HTML 7Page - Diodes Incorporated AP3427M Datasheet HTML 8Page - Diodes Incorporated AP3427M Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP3427M
Document number: DS39604 Rev. 1 - 2
2 of 9
www.diodes.com
March 2017
© Diodes Incorporated
AP3427M
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin Name
Function
1
EN1
Enable signal input of channel 1, active high
2
FB1
Feedback voltage of channel 1
3
VIN2
Power supply input of channel 2
4, 9, Exposed Pad
GND
GND. It should be connected to system ground
5
LX2
Connected from channel 2’s Power MOSFET to inductor
6
EN2
Enable signal input of channel 2, active high
7
FB2
Feedback voltage of channel 2
8
VIN1
Power supply input of channel 1
10
LX1
C
onnected from channel 1’s Power MOSFET to inductor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com