Electronic Components Datasheet Search
  English  ▼

X  

AP3503 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3503
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3503 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3503 Datasheet HTML 2Page - Diodes Incorporated AP3503 Datasheet HTML 3Page - Diodes Incorporated AP3503 Datasheet HTML 4Page - Diodes Incorporated AP3503 Datasheet HTML 5Page - Diodes Incorporated AP3503 Datasheet HTML 6Page - Diodes Incorporated AP3503 Datasheet HTML 7Page - Diodes Incorporated AP3503 Datasheet HTML 8Page - Diodes Incorporated AP3503 Datasheet HTML 9Page - Diodes Incorporated AP3503 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP3503
Document number: DS41526 Rev. 2 - 2
7 of 10
www.diodes.com
October 2018
© Diodes Incorporated
AP3503
Performance Characteristics (TA=+25ºC, VIN=12V, VOUT=3.3V, unless otherwise noted.)
Efficiency vs. Output Current
Quiescent Current vs. Case Temperature
Feedback Voltage vs. Case Temperature
Output Voltage vs. Output Current
High-side Switch On-resistance
Low-side Switch On-resistance
vs. Case Temperature
vs. Case Temperature
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
10
20
30
40
50
60
70
80
90
100
Output Current (A)
V
OUT
=3.3V, T
A
=25
oC, L=10mH
V
IN
=5V
V
IN
=12V
-50
-25
0
25
50
75
100
125
150
0.9
1.0
1.1
1.2
1.3
1.4
Case Temperature (
oC)
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Case Temperature (
oC)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Output Current (A)
-60
-40
-20
0
20
40
60
80
100
120
140
40
60
80
100
120
140
160
Case Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
120
140
40
60
80
100
120
140
160
180
200
Case Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com