Electronic Components Datasheet Search
  English  ▼

X  

AP43331N Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP43331N
Description  QUICK CHARGER CONTROLLER COMPATIBLE WITH QUALCOMM QC3.0
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43331N Datasheet(HTML) 3 Page - Diodes Incorporated

  AP43331N Datasheet HTML 1Page - Diodes Incorporated AP43331N Datasheet HTML 2Page - Diodes Incorporated AP43331N Datasheet HTML 3Page - Diodes Incorporated AP43331N Datasheet HTML 4Page - Diodes Incorporated AP43331N Datasheet HTML 5Page - Diodes Incorporated AP43331N Datasheet HTML 6Page - Diodes Incorporated AP43331N Datasheet HTML 7Page - Diodes Incorporated AP43331N Datasheet HTML 8Page - Diodes Incorporated AP43331N Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP43331N
Document number: DS39263 Rev.4 - 2
3 of 11
www.diodes.com
May 2017
© Diodes Incorporated
AP43331N
Pin Descriptions
Pin Number
Pin Name
Function
1
ICTRL
Non-inverting input pin of the current control loop
2
GND
Ground return
3
VOUT
Output pin; Sinking current only
4
VSENSE
Inverting input pin of the current control loop
5
VCTRL
Input pin of the voltage control loop
6
VCC
IC supply voltage, connected to a ceramic capacitor
7
D-
Connected to USB D-
8
D+
Connected to USB D+
Functional Block Diagram
Cable
Compensation
Mode
Mode
VCTRL
ICTRL
VOUT
VSENSE
D+
D-
V1
V2
QC3.0
Decoder
CC
CV
Bias
VCC
VBIAS
IBIAS
GND
VCVR
VCCR
OVP
UVP
UVP
Mode
Mode
Discharge
Logic
OVP
R
8R
UVLO
VDD
VDD
UVLO
1
2
3
4
5
6
7
8
Mode
Select
VCCR
VCVR
VCCR: Voltage Control Current Reference
VCVR: Voltage Control Voltage Reference
VDD: Internal Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com