Electronic Components Datasheet Search
  English  ▼

X  

APR3415B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR3415B
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR3415B Datasheet(HTML) 1 Page - Diodes Incorporated

  APR3415B Datasheet HTML 1Page - Diodes Incorporated APR3415B Datasheet HTML 2Page - Diodes Incorporated APR3415B Datasheet HTML 3Page - Diodes Incorporated APR3415B Datasheet HTML 4Page - Diodes Incorporated APR3415B Datasheet HTML 5Page - Diodes Incorporated APR3415B Datasheet HTML 6Page - Diodes Incorporated APR3415B Datasheet HTML 7Page - Diodes Incorporated APR3415B Datasheet HTML 8Page - Diodes Incorporated APR3415B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APR3415B
Document number: DS37102 Rev. 4 - 2
1 of 11
www.diodes.com
May 2015
© Diodes Incorporated
APR3415B
A Product Line of
Diodes Incorporated
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Description
APR3415B is a secondary side Combo IC, which combines an N-
Channel MOSFET and a driver circuit designed for synchronous
rectification (SR) in DCM operation. It also integrates output voltage
detect function for primary side control system.
The N-Channel MOSFET has been optimized for low gate charge,
low RDS(ON), fast switching speed and body diode reverse recovery
performance.
The synchronous rectification can effectively reduce the secondary
side rectifier power dissipation and provide high performance solution.
By sensing MOSFET drain-to-source voltage, APR3415B can output
ideal drive signal with less external components. It can provide high
performance solution for 5V output voltage application.
Same as AP4341, APR3415B detects the output voltage and
provides a periodical signal when the output voltage is lower than a
certain threshold. By fast response to secondary side voltage,
APR3415B can effectively improve the transient performance of
primary side control system.
The APR3415B is available in SO-8 package.
Features
•
Synchronous Rectification for DCM Operation Flyback
•
Eliminate Resonant Ring Interference
•
Fast Detector of Supply Voltages
•
Fewest External Components
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
DRISR
VDET
AREF
VCC
DRAIN
DRAIN
GND
GND
SO-8
Applications
• Adapters/Chargers for Cell/Cordless Phones, ADSL Modems, MP3
and Other Portable Apparatus
•
Standby and Auxiliary Power Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
+
C21
+
C22
APR3415B
R24
VCC
AREF
DRAIN
DRAIN
GND
GND
VDET
DRISR
R22
C23
R21
C24
C25
R23


Similar Part No. - APR3415B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150 DIODES-APR34150 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150MTRG1 DIODES-APR34150MTRG1 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR3415C DIODES-APR3415C Datasheet
542Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR3415CMTR-G1 DIODES-APR3415CMTR-G1 Datasheet
542Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
More results

Similar Description - APR3415B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
logo
Diodes Incorporated
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150 DIODES-APR34150 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34309C DIODES-APR34309C Datasheet
592Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34309CA DIODES-APR34309CA Datasheet
501Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR3415C DIODES-APR3415C Datasheet
542Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34509 DIODES-APR34509 Datasheet
412Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34330C DIODES-APR34330C Datasheet
795Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
July 2022
APR34709 DIODES-APR34709 Datasheet
752Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
June 2022
APR34309 DIODES-APR34309 Datasheet
520Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
June 2015 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com