Electronic Components Datasheet Search
  English  ▼

X  

LV2463G-SM2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LV2463G-SM2-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2463G-SM2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LV2463G-SM2-R Datasheet HTML 1Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 2Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 3Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 4Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 5Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 6Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 7Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LV2462/2463
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R105-042.e
ELECTRICAL CHARACTERISTICS (Cont.)
VCC=5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VCC=5V, VIC=2.5V,
VO=2.5V, RS=50Ω
500
2000
μV
Input Offset Current
IIO
VCC=5V, VIC=2.5V,
VO=2.5V, RS=50Ω
0.3
7
nA
Input Bias Current
IIB
TA=25°C
1.3
14
nA
IOH=-2.5mA
4.9
V
High-Level Output Voltage
VOH
IOH=-10mA
4.8
V
VIC=2.5V, IOL=2.5mA
0.1
V
Low-Level Output Voltage
VOL
VIC=2.5V, IOL=10mA
0.2
V
Sourcing
145
mA
Short-Circuit Output Current
IOS
Sinking
100
mA
Output Current
IO
Measured 1V form rail
±48
mA
Large-Signal Differential Voltage
Amplification
AVD
VIC=2.5V, RL=10kΩ, VO=1~4V
92
109
dB
Differential Input Resistance
rI(D)
TA=25°C
10
9
Ω
Common-Mode Input Capacitance
CI(C)
f=10kHz, TA=25°C
7
pF
Closed-Loop Output Impedance
ZO
f=100kHz, AV=10, TA=25°C
29
Ω
Common-Mode Rejection Ratio
CMRR
VICR=0~5V, RS=50Ω
71
85
dB
VCC=2.7~6V, VIC= VCC/2, No load
80
85
dB
Supply Voltage Rejection Ratio
(∆Vcc/∆VIO)
kSVR
VCC=3~5V, VIC= VCC/2, No load
85
95
dB
Supply Current (Per Channels)
ICC
VO=2.5V, No load
0.55
0.65
mA
Supply current in shutdown
(LV2463)
ICC ( SHDN )
SHDN
<0.7V,
Per channel in shutdown
1
μA
OPWERAING CHARACTERISTICS
Slew Rate at Unity Gain
SR
VO(PP)=2V,CL=160pF, RL=10 kΩ
0.9
1.6
V/μs
f=100Hz
14
Equivalent Input Noise Voltage
VN
f=1kHz
11
nV/
Hz
Equivalent Input Noise Current
IN
f=1kHz
0.13
pA/
Hz
AV=1
0.004
%
AV=10
0.01
%
Total Harmonic Distortion Plus
Noise
THD+N
VO(PP)=4V, RL=10kΩ,
f=1kHz
AV=100
0.04
%
Gain-Bandwidth Product
f=10 kHz, CL=160pF, RL=10kΩ
6.4
MHz
0.1%
1.53
μs
V(STEP)PP=2V,RL=10kΩ,
AV= -1, CL=10pF
0.01%
1.83
μs
0.1%
3.13
μs
Setting Time
tS
V(STEP)PP=2V,RL=10kΩ,
AV= -1, CL=56pF
0.01%
3.33
μs
Phase Margin at Unity Gain
φM
45
°
Gain Margin
RL=10kΩ, CL=160pF
7
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com