Electronic Components Datasheet Search
  English  ▼

X  

MP04029 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04029
Description  SAW Filter 441.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04029 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04029 Datasheet HTML 1Page - Golledge Electronics Ltd MP04029 Datasheet HTML 2Page - Golledge Electronics Ltd MP04029 Datasheet HTML 3Page - Golledge Electronics Ltd MP04029 Datasheet HTML 4Page - Golledge Electronics Ltd MP04029 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 441.0MHz
Model: TA1084A
Part No: MP04029
Rev No: 1
TA1084A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -55°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
441
-
Insertion Loss IL min (reference level)
dB
-
1.5
2.8
2dB Bandwidth BW -2dB
MHz
15
22.3
-
Insertion Loss (433.5 ~ 448.5MHz) IL
dB
-
2.4
3.5
Absolute Attenuation: (Reference level from 0dB)
Fc -45 to Fc -100MHz
Fc +45 to Fc +55MHz
Fc +55 to Fc +100MHz
dB
dB
dB
40
30
40
56
56
54
-
-
Temperature coefficient of frequency
ppm/k
-
-36
-
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-
Note: IL min is the minimum of the pass band attenuation. The center frequency Fc is the
mean value of the upper and lower frequencies at the 2dB filter attenuation level relative to
the IL min.


Similar Part No. - MP04029

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04025 GOLLEDGE-MP04025 Datasheet
73Kb / 5P
SAW Filter 431.0MHz
MP04027 GOLLEDGE-MP04027 Datasheet
67Kb / 5P
SAW Filter 433.420MHz
MP04028 GOLLEDGE-MP04028 Datasheet
87Kb / 5P
SAW Filter 433.50MHz
logo
Multicomp Pro
MP0402B183K250CT MULTICOMP-MP0402B183K250CT Datasheet
790Kb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
05/01/23 V1.0
MP0402B272M500CT MULTICOMP-MP0402B272M500CT Datasheet
790Kb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
05/01/23 V1.0
More results

Similar Description - MP04029

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA07507 GOLLEDGE-MA07507 Datasheet
115Kb / 4P
SAW Filter 441.0MHz
MP03507 GOLLEDGE-MP03507 Datasheet
137Kb / 5P
SAW Filter 441.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com