Electronic Components Datasheet Search
  English  ▼

X  

MSM5116400D Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5116400D
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116400D Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5116400D Datasheet HTML 1Page - OKI electronic componets MSM5116400D Datasheet HTML 2Page - OKI electronic componets MSM5116400D Datasheet HTML 3Page - OKI electronic componets MSM5116400D Datasheet HTML 4Page - OKI electronic componets MSM5116400D Datasheet HTML 5Page - OKI electronic componets MSM5116400D Datasheet HTML 6Page - OKI electronic componets MSM5116400D Datasheet HTML 7Page - OKI electronic componets MSM5116400D Datasheet HTML 8Page - OKI electronic componets MSM5116400D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
Semiconductor
MSM5116400D
4,194,304-Word
´´´´ 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
DESCRIPTION
The MSM5116400D is a 4,194,304-word
´ 4-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS
technology. The MSM5116400D achieves high integration, high-speed operation, and low-power consumption
because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The
MSM5116400D is available in a 26/24-pin plastic SOJ, 26/24-pin plastic TSOP.
FEATURES
·
4,194,304-word
´ 4-bit configuration
·
Single 5V power supply,
±10% tolerance
·
Input
: TTL compatible, low input capacitance
·
Output
: TTL compatible, 3-state
·
Refresh : 4096 cycles/64 ms
·
Fast page mode, read modify write capability
·
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
·
Multi-bit test mode capability
·
Package options:
26/24-pin 300mil plastic SOJ
(SOJ26/24-P-300-1.27)
(Product : MSM5116400D-xxSJ)
26/24-pin 300mil plastic TSOP
(TSOPII26/24-P-300-1.27-K)
(Product : MSM5116400D-xxTS-K)
xx : indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating (Max.)
Standby (Max.)
MSM5116400D-50
50ns
25ns
13ns
13ns
90ns
413mW
MSM5116400D-60
60ns
30ns
15ns
15ns
110ns
385mW
MSM5116400D-70
70ns
35ns
20ns
20ns
130ns
358mW
5.5mW
This version:Apr.1999


Similar Part No. - MSM5116400D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400F OKI-MSM5116400F Datasheet
239Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400F-50SJ OKI-MSM5116400F-50SJ Datasheet
239Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5116400D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400B OKI-MSM5117400B Datasheet
96Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400D OKI-MSM51V16400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400A OKI-MSM51V17400A Datasheet
584Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com