Electronic Components Datasheet Search
  English  ▼

X  

TPAR3D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TPAR3D
Description  3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPAR3D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TPAR3D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPAR3D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPAR3D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPAR3D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Very low profile, typical height of 1.1mm
- Excellent high temperature stability
- Glass passivated chip junction
- Controlled avalanche characteristics
- Low leakage current
- High forward surge capability
- Halogen-free according to IEC 61249-2-21
Molding compound: UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
UNIT
VRRM
V
IF(AV)
A
TJ=25°C
TJ=125°C
TJ=25°C
TJ=125°C
RθJM
(2)
RθJA
(3)
CJ
pF
TJ
°C
TSTG
°C
Version: B1511
20
30
mJ
TYP
MAX
95
120
Maximum instantaneous forward voltage
(1)
IF=3A
Rated VR
Maximum reverse current
EAS
Non-repetitive avalanche energy
IAS = 2.5A Max
IAS = 1.0A Typ
VF
1.55
600
1.02
1.15
TYP
MAX
Maximum reverse recovery time
Note 3: Free air, mounted on recommended pad
Note 1: Pulse test with PW=300μs, 1% duty cycle
trr
TPAR3G
TPAR3J
AR3D
AR3G
AR3J
1.20
- 55 to +175
- 55 to +175
Typical thermal resistance
IF=0.5A, IR=1A, IRR=0.25A
Note 4: Measured at 1 MHz and Applied VR=4.0 V
ns
Typical junction capacitance
(4)
58
5.1
75
°C/W
Note 2: Junction to mounted, mounted on FR4 PCB with 16mm x 16mm Cu pad area
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
60
IR
40
Operating junction temperature range
250
Storage temperature range
Polarity:
Indicated by cathode band
Weight:
95 mg (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
μA
Marking code
Maximum average forward rectified current
3
PARAMETER
A
V
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-277A (SMPC)
0.30
10
Maximum repetitive peak reverse voltage
TPAR3D
200
400
TO-277A (SMPC)
TPAR3D - TPAR3J
Taiwan Semiconductor
3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
FEATURES
1
2
3


Similar Part No. - TPAR3D

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPAR0502P1G TECHPUBLIC-TPAR0502P1G Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
TPAR809 TECHPUBLIC-TPAR809 Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
TPAR809JS3 TECHPUBLIC-TPAR809JS3 Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
TPAR809LS3 TECHPUBLIC-TPAR809LS3 Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
TPAR809MS3 TECHPUBLIC-TPAR809MS3 Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
More results

Similar Description - TPAR3D

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE3L20U SHINDENGEN-DE3L20U Datasheet
460Kb / 7P
Super Fast Recovery Rectifiers(200V 3A)
S3L20U SHINDENGEN-S3L20U Datasheet
428Kb / 7P
Super Fast Recovery Rectifiers(200V 3A)
logo
Taiwan Semiconductor Co...
TPAU3D TSC-TPAU3D Datasheet
371Kb / 4P
3A, 200V - 600V Avalanche High Efficienct Recovery Surface Mount Rectifiers
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com