Electronic Components Datasheet Search
  English  ▼

X  

TS4448RG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RG
Description  125mA, 100V Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS4448RG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4448RG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS4448 RG
Taiwan Semiconductor
5
Version:H1612
PACKAGE OUTLINE DIMENSION
0603
DIM.
Unit(mm)
Unit(inch)
Min
Typ
Max
Min
Typ
Max
L
1.60
-
1.80
0.063
-
0.071
W
0.80
-
1.00
0.031
-
0.039
T
0.70
-
0.85
0.028
-
0.033
C
-
0.45
-
-
0.018
-
D
-
0.70
-
-
0.028
-
W
L
C
D
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com