Electronic Components Datasheet Search
  English  ▼

X  

TSD3G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSD3G
Description  3A, 400V ESD Capability Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD3G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSD3G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD3G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD3G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD3G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD3G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSD3G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSD3G
Taiwan Semiconductor
2
Version:C1706
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-lead thermal resistance
RӨJL
21
°C/W
Junction-to-ambient thermal resistance
RӨJA
59
°C/W
Junction-to-case thermal resistance
RӨJC
22
°C/W
Thermal Performance Note: Units mounted on recommended PCB (16mm x 16mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode
(1)
IF = 1.5A, TJ = 25°C
VF
0.85
0.95
V
IF = 3A, TJ = 25°C
0.89
1.00
V
IF = 1.5A, TJ = 125°C
0.72
0.90
V
IF = 3A, TJ = 125°C
0.76
1.00
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
1
µA
TJ = 125°C
-
50
µA
Junction capacitance
1 MHz, VR=4.0V
CJ
45
-
pF
Notes:
1.
Pulse test with PW=0.3 ms
2.
Pulse test with PW=30 ms
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING
STANDARDS (T
A = 25°C unless otherwise noted)
Standard
Test Type
Test Conditions
SYMBOL
CLASS
Value
Typical
AEC-Q101-001
Human body
model(contact mode)
C=100pF,R=1.5kΩ
Vc
H3B
≥8kV
N/A
IEC 61000-4-2
Contact mode
C=150pF,R=330Ω
4
≥8kV
25kV
Air-discharge mode
C=150pF,R=330Ω
4
≥15kV
30kV
ISO 10605
Contact mode
C=330pF,R=330Ω
L4
≥15kV
25kV
Air-discharge mode
C=330pF,R=330Ω
L4
≥25kV
30kV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com