Electronic Components Datasheet Search
  English  ▼

X  

SMF48A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMF48A
Description  200W, 5V - 100V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMF48A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMF48A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMF48A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMF48A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMF48A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMF48A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMF48A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMF5.0A - SMF100A
Taiwan Semiconductor
2
Version: C1810
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance per diode
RӨJL
33
°C/W
Junction-to-ambient thermal resistance per diode
RӨJA
100
°C/W
Junction-to-case thermal resistance per diode
RӨJC
34
°C/W
Thermal Performance Note: Units mounted on PCB (5mm x 5mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (TA = 25°C unless otherwise noted)
Part
number
Marking
code
Breakdown
voltage
VBR@IT
(V)
(Note 1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
reverse leakage
current
IR@VWM
(µA)
(Note 1)
Maximum peak
impulse current
IPPM
(A)
tp =10/1000 μs
Maximum clamping
voltage
VC@IPPM
(V)
tp =10/1000 μs
Uni.
Uni.
Min.
Max.
SMF5.0A
2W5P0
6.4
7.0
10
5
800
21.7
9.2
SMF6.0A
2W6P0
6.67
7.37
10
6
800
19.4
10.3
SMF6.5A
2W6P5
7.22
7.98
10
6.5
500
17.9
11.2
SMF7.0A
2W7P0
7.78
8.6
10
7.0
200
16.7
12.0
SMF7.5A
2W7P5
8.33
9.21
1
7.5
100
15.5
12.9
SMF8.0A
2W8P0
8.89
9.83
1
8.0
50
14.7
13.6
SMF8.5A
2W8P5
9.44
10.5
1
8.5
10
13.9
14.4
SMF9.0A
2W9P0
10.0
11.1
1
9.0
5
13.0
15.4
SMF10A
2W010
11.1
12.3
1
10
5
11.8
17.0
SMF11A
2W011
12.2
13.5
1
11
1
11.0
18.2
SMF12A
2W012
13.3
14.7
1
12
1
10.1
19.9
SMF13A
2W013
14.4
15.9
1
13
1
9.3
21.5
SMF14A
2W014
15.6
17.2
1
14
1
8.6
23.2
SMF15A
2W015
16.7
18.5
1
15
1
8.2
24.4
SMF16A
2W016
17.8
19.7
1
16
1
7.7
26.0
SMF17A
2W017
18.9
20.9
1
17
1
7.2
27.6
SMF18A
2W018
20.0
22.1
1
18
1
6.8
29.2
SMF20A
2W020
22.2
24.5
1
20
1
6.2
32.4
SMF22A
2W022
24.4
26.9
1
22
1
5.6
35.5
SMF24A
2W024
26.7
29.5
1
24
1
5.1
38.9
SMF26A
2W026
28.9
31.9
1
26
1
4.8
42.1
SMF28A
2W028
31.1
34.4
1
28
1
4.4
45.4
SMF30A
2W030
33.3
36.8
1
30
1
4.1
48.4
SMF33A
2W033
36.7
40.6
1
33
1
3.8
53.3
SMF36A
2W036
40.0
44.2
1
36
1
3.4
58.1
SMF40A
2W040
44.4
49.1
1
40
1
3.1
64.5
SMF43A
2W043
47.8
52.8
1
43
1
2.9
69.4
SMF45A
2W045
50.0
55.3
1
45
1
2.8
72.7
SMF48A
2W048
53.3
58.9
1
48
1
2.6
77.4
SMF51A
2W051
56.7
62.7
1
51
1
2.4
82.4
SMF54A
2W054
60.0
66.3
1
54
1
2.3
87.1
SMF58A
2W058
64.4
71.2
1
58
1
2.1
95
SMF60A
2W060
66.7
73.7
1
60
1
1.8
96.8
SMF64A
2W064
71.1
78.6
1
64
1
1.7
103
SMF70A
2W070
77.8
86
1
70
1
1.55
113
SMF75A
2W075
83.3
92.1
1
75
1
1.45
121
SMF78A
2W078
86.7
95.8
1
78
1
1.4
126
SMF85A
2W085
94.4
104
1
85
1
1.3
137
SMF90A
2W090
100
111
1
90
1
1.2
146
SMF100A
2W100
111
123
1
100
1
1.08
162
Note:
1.
Pulse test with PW=30 ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com