Electronic Components Datasheet Search
  English  ▼

X  

74VHC573 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHC573
Description  Octal D-Type Latch with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC573 Datasheet(HTML) 2 Page - ON Semiconductor

  74VHC573 Datasheet HTML 1Page - ON Semiconductor 74VHC573 Datasheet HTML 2Page - ON Semiconductor 74VHC573 Datasheet HTML 3Page - ON Semiconductor 74VHC573 Datasheet HTML 4Page - ON Semiconductor 74VHC573 Datasheet HTML 5Page - ON Semiconductor 74VHC573 Datasheet HTML 6Page - ON Semiconductor 74VHC573 Datasheet HTML 7Page - ON Semiconductor 74VHC573 Datasheet HTML 8Page - ON Semiconductor 74VHC573 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
tm
May 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC573 Rev. 1.3
74VHC573
Octal D-Type Latch with 3-STATE Outputs
Features
■ High Speed: tPD = 5.0ns (Typ.) at VCC = 5V
■ High Noise Immunity: VNIH = VNIL = 28% VCC (Min.)
■ Power Down Protection is provided on all inputs
■ Low Noise: VOLP = 0.6V (Typ.)
■ Low Power Dissipation: ICC = 4µA (Max.) @ TA = 25°C
■ Pin and function compatible with 74HC573
General Description
The VHC573 is an advanced high speed CMOS octal
latch with 3-STATE output fabricated with silicon gate
CMOS technology. It achieves the high speed operation
similar to equivalent Bipolar Schottky TTL while main-
taining the CMOS low power dissipation. This 8-bit
D-type latch is controlled by a latch enable input (LE)
and an Output Enable input (OE). When the OE input is
HIGH, the eight outputs are in a high impedance state.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number. Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Description
Order Number
Package
Number
Package Description
74VHC573M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHC573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com