Electronic Components Datasheet Search
  English  ▼

X  

M57788LR Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M57788LR
Description  400-430MHz, 13.5V, 47W, FM MOBILE RADIO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M57788LR Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M57788LR Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M57788LR Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M57788LR Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
400-430MHz, 13.5V, 47W, FM MOBILE RADIO
M57788LR
MITSUBISHI RF POWER MODULE
Nov. ´97
PIN:
Pin
: RF INPUT
VCC1: 1st. DC SUPPLY
VCC2: 2nd. DC SUPPLY
VCC3: 3nd. DC SUPPLY
PO
: RF OUTPUT
GND: FIN
BLOCK DIAGRAM
1
2
3
4
5
6
5
6
4
2
3
1
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
Load VSWR tolerance
VCC=13.5V, Pin=400mW,
ZG=ZL=50
Ω
VCC=15.2V,
PO=47W (Pin:Controlled), ZG=50
Ω,
Load VSWR=8:1 (All phase)
400
430
47
40
-30
2.8
No degradation or
destroy
MHz
W
%
dBc
Note. Above parameters, ratings, limits and test conditions are subject to change.
ELECTRICAL CHARACTERISTICS (Tc=25
°C unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above each maxmum ratings are guaranteed independently.
V
17
VCC
Supply voltage
A
12
ICC
Total current
mW
800
Pin (max)
Input power
W
50
PO (max)
Output power
°C
-30 to +110
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Storage temperature
ZG=ZL=50
Ω
ZG=ZL=50
Ω
ZG=ZL=50
Ω, VCC1≤13.5V
ZG=ZL=50
Ω, VCC1≤13.5V
ZG=ZL=50
Ω, VCC1≤13.5V
3fO
3nd. harmonic
-30
dBc
OUTLINE DRAWING
H3R
Dimensions in mm
49.5±1
66±0.5
60±0.5
51.5±0.5
2-R2±0.5
22.5±1
33.0±1
10.5±1
6
7.25±0.8
3±0.3
54.0±1
1
2
3
4
5
0.82±0.2


Similar Part No. - M57788LR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57788L MITSUBISHI-M57788L Datasheet
143Kb / 3P
400-430MHz, 12.5V, 40W, FM MOBILE RADIO
More results

Similar Description - M57788LR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57704L MITSUBISHI-M57704L Datasheet
72Kb / 2P
400-420MHz 12.5V,13W,FM MOBILE RADIO???
M57729L MITSUBISHI-M57729L Datasheet
42Kb / 1P
400-420MHz 12.5V,30W,FM MOBILE RADIO?????????
M57788HR MITSUBISHI-M57788HR Datasheet
52Kb / 3P
450-470MHz, 13.5V, 47W, FM MOBILE RADIO
M57788L MITSUBISHI-M57788L Datasheet
143Kb / 3P
400-430MHz, 12.5V, 40W, FM MOBILE RADIO
M67749L MITSUBISHI-M67749L Datasheet
147Kb / 3P
400-430MHz, 12.5V, 7W, FM PORTABLE RADIO?
M67749LR MITSUBISHI-M67749LR Datasheet
43Kb / 1P
400-430MHz, 12.5V, 7W, FM PORTABLE RADIO?
M67775 MITSUBISHI-M67775 Datasheet
102Kb / 2P
1465-1477MHz, 13.5V, 7.5W, FM MOBILE RADIO
M68703LA MITSUBISHI-M68703LA Datasheet
34Kb / 1P
400-430MHz, 12.5V, 50W, FM MOBILE RADIO
M68710L MITSUBISHI-M68710L Datasheet
75Kb / 2P
400-430MHz, 6V, 2W, FM PORTABLE RADIO?
M68762L MITSUBISHI-M68762L Datasheet
39Kb / 3P
400-450MHz, 12.5V, 30W, FM MOBILE RADIO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com