Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments INA253 Datasheet HTML 18Page - Texas Instruments INA253 Datasheet HTML 19Page - Texas Instruments INA253 Datasheet HTML 20Page - Texas Instruments INA253 Datasheet HTML 21Page - Texas Instruments INA253 Datasheet HTML 22Page - Texas Instruments INA253 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
IS+
IS±
IN+
IN±
SH+
SH±
2 m
0.1%
50 k
50 k
19
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The INA253 measures the voltage developed as current flows across the integrated low inductive current-
sensing resistor. The device provides reference pins to configure operation as either unidirectional or
bidirectional output swing. When using the INA253 for inline motor current sense or measuring current in an h-
bridge, the device is commonly configured for bidirectional operation.
9.1.1 Input Filtering
NOTE
Input filters are not required for accurate measurements using the INA253. For most
accurate results, do not use filters at the IN+ and IN– inputs. However, If filter components
are used on the input of the amplifier, follow the guidelines in this section to minimize
effects on performance.
Based strictly on user design requirements, external filtering of the current signal may be desired. The initial
location that can be considered for the filter is at the output of the current amplifier. Although placing the filter at
the output satisfies the filtering requirements, this location changes the low output impedance measured by any
circuitry connected to the output voltage pin. The other location for filter placement is at the current amplifier
input pins. This location also satisfies the filtering requirement, but carefully select the components to minimize
the impact on device performance. Figure 39 shows a filter placed at the inputs pins.
Figure 39. Filter at Input Pins
External series resistance provides a source of additional measurement error. Therefore, keep the value of these
series resistors to 10-Ω or less in order to reduce loss of accuracy. The internal bias network shown in Figure 39
creates a mismatch in input bias currents when a differential voltage is applied between the input pins (see
Figure 40). If additional external series filter resistors are added to the circuit, a mismatch is created in the
voltage drop across the filter resistors. This voltage is a differential error voltage in the shunt resistor voltage. In
addition to the absolute resistor value, mismatch resulting from resistor tolerance can significantly impact the
error because this value is calculated based on the actual measured resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com