Electronic Components Datasheet Search
  English  ▼

X  

ADP3178 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3178
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3178 Datasheet(HTML) 3 Page - Analog Devices

  ADP3178 Datasheet HTML 1Page - Analog Devices ADP3178 Datasheet HTML 2Page - Analog Devices ADP3178 Datasheet HTML 3Page - Analog Devices ADP3178 Datasheet HTML 4Page - Analog Devices ADP3178 Datasheet HTML 5Page - Analog Devices ADP3178 Datasheet HTML 6Page - Analog Devices ADP3178 Datasheet HTML 7Page - Analog Devices ADP3178 Datasheet HTML 8Page - Analog Devices ADP3178 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
ADP3158/ADP3178
–3–
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +15 V
DRVH, DRVL, LRDRV1, LRDRV2 . . . . . –0.3 V to VCC + 0.3 V
All Other Inputs and Outputs . . . . . . . . . . . . –0.3 V to +10 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 70°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
θ
JA
Two-Layer Board . . . . . . . . . . . . . . . . . . . . . . . . . 125
°C/W
Four-Layer Board . . . . . . . . . . . . . . . . . . . . . . . . . . 81
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged. Unless otherwise specified, all voltages are referenced
to GND.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VID0
VID1
VID2
VID3
LRFB1
LRDRV1
CS–
CS+
GND
DRVH
DRVL
VCC
LRFB2
LRDRV2
COMP
CT
ADP3158/
ADP3178
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1–4
VID0–VID3
Voltage Identification DAC Inputs.
These pins are pulled up to an internal
reference, providing a Logic 1 if left
open. The DAC output programs the CS–
regulation voltage from 1.3 V to 2.05 V.
5, 12 LRFB1,
Feedback connections for the linear
LRFB2
regulator controllers.
6, 11 LRDRV1,
Gate drives for the respective linear
LRDRV2
regulator N-channel MOSFETs.
7
CS–
Current Sense Negative Node. Negative
input for the current comparator. This pin
also connects to the internal error ampli-
fier that senses the output voltage.
8
CS+
Current Sense Positive Node. Positive
input for the current comparator. The
output current is sensed as a voltage at this
pin with respect to CS–.
9
CT
External capacitor connected from CT to
ground sets the Off-time of the device.
10
COMP
Error Amplifier Output and Compensation
Point. The voltage at this output programs
the output current control level between
CS+ and CS–.
13
VCC
Supply Voltage for the device.
14
DRVL
Low-Side MOSFET Drive. Gate drive for
the synchronous rectifier N-channel
MOSFET. The voltage at DRVL swings
from GND to VCC.
15
DRVH
High-Side MOSFET Drive. Gate drive
for the buck switch N-channel MOSFET.
The voltage at DRVH swings from GND
to VCC.
16
GND
Ground Reference. GND should have a
low impedance path to the source of the
synchronous MOSFET.
ORDERING GUIDE
Temperature
LDO
Package
Package
Model
Range
Voltage
Description
Option
ADP3158JR
0
°C to 70°C
2.5 V, 1.8 V
SO = Small Outline Package
R-16A (SO-16)
ADP3178JR
0
°C to 70°C
Adjustable
SO = Small Outline Package
R-16A (SO-16)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3158/ADP3178 feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com