Electronic Components Datasheet Search
  English  ▼

X  

BAV19WS-G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19WS-G
Description  200mA, 120V - 250V Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19WS-G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV19WS-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV19WS-G/BAV20WS-G/BAV21WS-G
Note 2: Whole series with green compound
DIMENSIONS
Min
Max
Min
Max
A
1.150
1.400
0.045
0.055
B
2.300
2.700
0.091
0.106
C
0.250
0.450
0.010
0.018
D
1.600
1.800
0.063
0.071
E
0.800
1.000
0.031
0.039
F
0.050
0.177
0.002
0.007
G
H
-
0.100
-
0.004
SUGGESTED PAD LAYOUT
G
X
X1
Y
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application
Marking
A8
T2
T3
Document Number: DS_S0000021
Version: A15
Small Signal Product
SOD-323
ORDERING INFORMATION
Unit (mm)
Unit (inch)
Typ.
Typ.
3K / 7" Reel
Unit (inch)
PACKING CODE
SUFFIX
Taiwan Semiconductor
BAV21WS-G
0.630
0.025
2.850
0.112
0.830
0.033
SOD-323
0.019 REF
MARKING
BAV20WS-G
BAV19WS-G
Part No.
DIM.
Unit (mm)
DIM.
0.475 REF
1.600
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
BAVxxWS-G
(Note 1, 2)
RR
G
Note 1: "xx" is Device Code from "BAV19WS-G" to "BAV21WS-G".
EXAMPLE
PREFERRED P/N
PART NO.
PACKING CODE
DESCRIPTION
0.063
BAV19WS-G RRG
BAV19WS-G
RR
G
Green compound
B
A
E
D
C
F
G
H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com