Electronic Components Datasheet Search
  English  ▼

X  

ES1LD Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # ES1LD
Description  1A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1LD Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  ES1LD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES1LD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ES1LD - ES1LJ
Taiwan Semiconductor
6
Version:A1608
PACKAGE OUTLINE DIMENSIONS (Unit: Millimeters)
DO-214AC (SMA)
SUGGESTED PAD LAYOUT (Unit: Millimeters)
MARKING DIAGRAM
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
DIM
Unit (mm)
Unit (inch)
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
4.06
4.60
0.160
0.181
C
2.29
2.83
0.090
0.111
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
4.95
5.33
0.195
0.210
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
Symbol
Unit (mm)
Unit (inch)
A
1.68
0.066
B
1.52
0.060
C
3.93
0.155
D
2.41
0.095
E
5.45
0.215



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com