Electronic Components Datasheet Search
  English  ▼

X  

ES3FB Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # ES3FB
Description  3A, 50V - 600V Surface Mount Super Fast Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3FB Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  ES3FB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3FB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3FB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3FB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES3FB Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES3FB Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES3FB Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd ES3FB Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ES3AB - ES3JB
Taiwan Semiconductor
7
Version:B1706
PACKAGE OUTLINE DIMENSIONS
DO-214AA (SMB)
SUGGESTED PAD LAYOUT
MARKING DIAGRAM
P/N
= Marking Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
DIM.
Unit (mm)
Unit (inch)
Min
Max
Min
Max
A
1.95
2.20
0.077
0.087
B
4.05
4.60
0.159
0.181
C
3.30
3.95
0.130
0.156
D
1.95
2.65
0.077
0.104
E
0.75
1.60
0.030
0.063
F
5.10
5.60
0.201
0.220
G
0.05
0.20
0.002
0.008
H
0.15
0.31
0.006
0.012
Symbol
Unit (mm)
Unit (inch)
A
2.3
0.091
B
2.5
0.098
C
4.3
0.169
D
1.8
0.071
E
6.8
0.268



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com