Electronic Components Datasheet Search
  English  ▼

X  

MP03642 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03642
Description  SAW Filter 915.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03642 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03642 Datasheet HTML 1Page - Golledge Electronics Ltd MP03642 Datasheet HTML 2Page - Golledge Electronics Ltd MP03642 Datasheet HTML 3Page - Golledge Electronics Ltd MP03642 Datasheet HTML 4Page - Golledge Electronics Ltd MP03642 Datasheet HTML 5Page - Golledge Electronics Ltd MP03642 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 915.0MHz
Model: TA1294A
Part No: MP03642
Rev No: 1
TA1294A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50
2. Terminating load impedance: ZL = 50
Item
Unit
Min.
Type.
Max.
Center Frequency Fc
MHz
-
915
-
Insertion Loss (902 ~ 928MHz) IL
dB
-
2.5
3.1
Amplitude ripple (902 ~ 928MHz)
dB
-
0.4
1.5
Return Loss (902 ~ 928MHz)
dB
9
10
-
Group Delay Deviation (902 ~ 928MHz)
ns
-
15
50
Attenuation
0.1 ~ 702MHz
dB
50
53
-
738 ~ 764MHz
dB
49
53
-
820 ~ 846MHz
dB
42
48
-
990 ~ 1010MHz
dB
42
50
-
1072 ~ 1092MHz
dB
49
53
-
1128 ~ 1804MHz
dB
40
42
-
1804 ~ 1856MHz
dB
40
42
-
1856 ~ 3000MHz
dB
30
36
-


Similar Part No. - MP03642

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03602 GOLLEDGE-MP03602 Datasheet
108Kb / 7P
SAW Filter 670.0MHz
MP03629 GOLLEDGE-MP03629 Datasheet
146Kb / 6P
SAW Filter: 869.0MHz
MP03633 GOLLEDGE-MP03633 Datasheet
87Kb / 6P
SAW Filter 350.0MHz
MP03634 GOLLEDGE-MP03634 Datasheet
159Kb / 6P
SAW Filter 350.0MHz
MP03635 GOLLEDGE-MP03635 Datasheet
91Kb / 4P
SAW Filter 351.10MHz
More results

Similar Description - MP03642

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F9151 ITF-F9151 Datasheet
274Kb / 7P
SAW Bandpass Filter 915.0MHz
2010-03-15
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MA09103 GOLLEDGE-MA09103 Datasheet
179Kb / 6P
915.0MHz SAW Filter
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
MP04309 GOLLEDGE-MP04309 Datasheet
242Kb / 6P
SAW Filter 915.0MHz
MP04574 GOLLEDGE-MP04574 Datasheet
122Kb / 6P
SAW Filter 915.0MHz
MP06992 GOLLEDGE-MP06992 Datasheet
230Kb / 6P
SAW Filter 915.0MHz
MA03704 GOLLEDGE-MA03704 Datasheet
223Kb / 4P
SAW Filter 915.0MHz for ISM900 (High Attenuation)
MA06291 GOLLEDGE-MA06291 Datasheet
78Kb / 4P
SAW Resonator 915.0MHz
MA06101 GOLLEDGE-MA06101 Datasheet
165Kb / 4P
915.0MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com