Electronic Components Datasheet Search
  English  ▼

X  

MP03759 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03759
Description  SAW Filter 1588.6550MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03759 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03759 Datasheet HTML 1Page - Golledge Electronics Ltd MP03759 Datasheet HTML 2Page - Golledge Electronics Ltd MP03759 Datasheet HTML 3Page - Golledge Electronics Ltd MP03759 Datasheet HTML 4Page - Golledge Electronics Ltd MP03759 Datasheet HTML 5Page - Golledge Electronics Ltd MP03759 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1588.6550MHz
Model: TA1267A
Part No: MP03759
Rev No: 1
TA1267A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50
2. Terminating load impedance: ZL = 50
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1588.655
-
-
Insertion Loss (1573.42 ~ 1577.42MHz) IL
dB
-
1.25
1.7
-
Insertion Loss (1571.42 ~ 1605.89MHz) IL
dB
1.7
2.5
Amplitude ripple (1573.42 ~ 1577.42MHz)
dB
-
0.25
0.8
-
Amplitude ripple (1571.42 ~ 1605.89MHz)
dB
-
0.7
1.5
I/O VSWR (1573.42~1577.42MHz)
-
1.2
2
-
I/O VSWR (1571.42~1605.89MHz)
-
1.6
2
-
Attenuation
D.C ~ 824MHz
dB
32
35
-
-
824 ~ 849MHz
dB
32
35
-
-
849 ~ 880MHz
dB
32
34.5
-
-
880 ~ 915MHz
dB
32
34.5
-
-
915 ~ 1452MHz
dB
30
34
-
-
1452 ~ 1525MHz
dB
32
37
-
-
1710 ~ 1785MHz
dB
32
36
-
-
1785 ~ 1850MHz
dB
32
36
-
-
1850 ~ 6000MHz
dB
25
36
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-


Similar Part No. - MP03759

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03754 GOLLEDGE-MP03754 Datasheet
103Kb / 4P
SAW Filter 400.0MHz
MP03755 GOLLEDGE-MP03755 Datasheet
111Kb / 7P
SAW Filter 702.0MHz
More results

Similar Description - MP03759

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com