Electronic Components Datasheet Search
  English  ▼

X  

MP04219 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04219
Description  SAW Filter 1642.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04219 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04219 Datasheet HTML 1Page - Golledge Electronics Ltd MP04219 Datasheet HTML 2Page - Golledge Electronics Ltd MP04219 Datasheet HTML 3Page - Golledge Electronics Ltd MP04219 Datasheet HTML 4Page - Golledge Electronics Ltd MP04219 Datasheet HTML 5Page - Golledge Electronics Ltd MP04219 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1642.50MHz
Model: TA1307A
Part No: MP04219
Rev No: 1
TA1307A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance (single ended): ZS = 50Ω
2. Terminating load impedance (single ended): ZL = 50Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1642.5
-
-
Insertion Loss (1625 ~ 1660MHz)
dB
-
1.8
3.5
-
Amplitude ripple (1625 ~ 1660MHz)
dB
-
0.7
2
-
VSWR (1625 ~ 1660MHz)
-
1.7
2.3
-
Attenuation (reference level from 0dB)
DC ~ 1500MHz
dB
21
29
-
-
1525 ~ 1559MHz
dB
30
36
-
-
1700 ~ 2050MHz
dB
30
32
-
-
2050 ~ 3500MHz
dB
25
32
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-


Similar Part No. - MP04219

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04212 GOLLEDGE-MP04212 Datasheet
61Kb / 5P
SAW Filter 626.0MHz
MP04213 GOLLEDGE-MP04213 Datasheet
85Kb / 7P
SAW Filter 629.0MHz
MP04215 GOLLEDGE-MP04215 Datasheet
90Kb / 6P
SAW Filter 696.0MHz
More results

Similar Description - MP04219

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA08088 GOLLEDGE-MA08088 Datasheet
156Kb / 5P
SAW Filter 1642.50MHz
MA09739 GOLLEDGE-MA09739 Datasheet
416Kb / 6P
SAW Filter 1642.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com