Electronic Components Datasheet Search
  English  ▼

X  

MP07357 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07357
Description  SAW Filter 921.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07357 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07357 Datasheet HTML 1Page - Golledge Electronics Ltd MP07357 Datasheet HTML 2Page - Golledge Electronics Ltd MP07357 Datasheet HTML 3Page - Golledge Electronics Ltd MP07357 Datasheet HTML 4Page - Golledge Electronics Ltd MP07357 Datasheet HTML 5Page - Golledge Electronics Ltd MP07357 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 921.50MHz
Model: TA1164A
Part No: MP07357
Rev No: 2
TA1164A v2
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: +10dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
921.5
-
-
Insertion Loss (918 ~ 925MHz) IL
dB
-
2.3
3.5
-
Amplitude Ripple (918 ~ 925MHz)
dB
-
0.4
2
-
I/O VSWR (918 ~ 925MHz)
-
1.5
2.5
-
Output amplitude balance (|S31/S21|)
dB
-2.5
-0.5~1.8
2.5
-
Output phase balance (f(S31)-f(S21))+180°
deg
-20
-8~-15
20
-
Attenuation (Reference level from 0dB)
10 ~ 800MHz
dB
40
62
-
-
800 ~ 880MHz
dB
30
42
-
-
880 ~ 900MHz
dB
20
23
-
-
940 ~ 960MHz
dB
10
31
-
-
960 ~ 1000MHz
dB
20
32
-
-
1000 ~ 1100MHz
dB
30
55
-
-
1100 ~ 2000MHz
dB
40
65
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-


Similar Part No. - MP07357

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP073 CTS-MP073 Datasheet
133Kb / 5P
Quartz Crystal
logo
Golledge Electronics Lt...
MP07320 GOLLEDGE-MP07320 Datasheet
174Kb / 8P
SAW Filter 918.60MHz
MP07322 GOLLEDGE-MP07322 Datasheet
281Kb / 9P
SAW Filter 1582.470MHz
MP07327 GOLLEDGE-MP07327 Datasheet
233Kb / 6P
SAW Filter 2350.0MHz
MP07328 GOLLEDGE-MP07328 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
More results

Similar Description - MP07357

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com